Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8370SSC-R1 Datasheet(PDF) 10 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 10 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PN8370
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 10 / 10
Table 7.
DIP-8 mechanical data
Size
symbol
Min.(mm)
Max.(mm)
Size
symbol
Min.(mm)
Max.(mm)
A
3.60
4.00
c1
0.23
0.27
A1
0.51
——
D
9.05
9.45
A2
3.00
3.40
E1
6.15
6.55
A3
1.55
1.65
e
2.54BSC
b
0.44
0.53
e A
7.62BSC
b1
0.43
0.48
e B
7.62
9.30
B1
1.52BSC
e C
0.00
0.84
c
0.24
0.32
L
3.00
——
Figure 6.
Package Outline Dimensions
TOP MARK
Package
PN8370
YWWXXXXX
DIP-8
Note: Y: Year Code; WW: Week Code; XXXX: Internal Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com