Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8370SSC-R1 Datasheet(PDF) 6 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 6 Page - Wuxi Chipown Micro-electronics limited

Back Button PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 10Page - Wuxi Chipown Micro-electronics limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PN8370
Chipown
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 6 / 10
Functional Description
The PN8370 is a high performance CC/CV primary-side controller. PN8370 operates in primary-side sensing and
regulation, so opto-coupler and TL431 could be eliminated. Proprietary built-in CV and CC control can achieve high
precision CC/CV control meeting most charger and adaptor application requirements. Internal HV Start-up circuit and
the chip’s low consumption help the system to meet strict standby power standard.
1. HV Start up Control
At start up, the internal high-voltage start-up circuit provides the internal bias and charges the external VDD capacitor, so
that PN8370 starts up quickly. When VDD reaches VDDon, the device starts switching and the internal high-voltage current
source stops charging the capacitor. The device keeps in normal operation provided as long as VDD keeps above VDDoff.
After startup, the bias is supplied from the auxiliary transformer winding, the current of HV start-up circuit is designed to
be very low so that the power consumption is very low.
2. CC Operation Mode
In CC operation mode, the PN8370 captures the auxiliary flyback signal at FB pin through a resistor dividing-network.
The pulse width of the auxiliary flyback signal determines the PN8370 oscillator frequency. The higher the output voltage
is, the shorter the pulse width is, and the higher the chip oscillator frequency is, thus the constant output current can be
achieved.
The current waveform of DCM mode is shown in Figure 1. During MOSFET turn-on time, the current in the primary
winding (Ipri) ramps up. When MOSFET turns off, the energy stored in the primary winding is transferred to the
secondary side, so the peak current in the secondary winding is
ps
pk
pri
pk
N
I
I
×
=
_
sec_
(
1)
The output current is
P
demag
sense
ipk
PS
P
demag
pk
O
T
T
R
V
N
T
T
I
I
2
1
2
sec_
=
×
=
(
2)
Because Vipk is constant and Tp is equal to tow times Tdemag, the output current Io is constant.
Figure 1 The current waveform of DCM mode
3. CV Operation Mode
In CV mode,PN8370 uses a pulse to sample VFB and it is hold until the next sampling. The sampled voltage is compared
with VREF_CV and the error is amplified. The error amplified output reflects the load condition and controls the switching
off time to regulate the output voltage, thus constant output voltage can be achieved.
The relationship between the output voltage and VREF_CV is



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com