Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN8370SSC-R1 Datasheet(PDF) 5 Page - Wuxi Chipown Micro-electronics limited

Part # PN8370SSC-R1
Description  Low Standby-Power Quasi-Resonant Primary-Side Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8370SSC-R1 Datasheet(HTML) 5 Page - Wuxi Chipown Micro-electronics limited

  PN8370SSC-R1 Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8370SSC-R1 Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PN8370
Chipown
13/F, Building C, Wangzhuang Technology Innovation Center, Longshan Road,New District, Wuxi
Tel: +86(510)85217718 http://www.chipown.com.cn
Rev.A.1507 5 / 10
Typical Characteristics Plots
600
650
700
750
800
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
0
1.5
3
4.5
6
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
(a) BV vs Tj
(b) Rdson vs Tj
7.50
8.00
8.50
9.00
9.50
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
14.5
15.25
16
16.75
17.5
-50
-25
0
25
50
75
100
125
150
Junction Temperature (℃)
(c) VDDoff vs Tj
(d) VDDon vs Tj
31.00
32.00
33.00
34.00
35.00
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
22.00
23.00
24.00
25.00
26.00
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
(e) VDD_OVP vs Tj
(f) Icable vs Tj
2.40
2.45
2.50
2.55
2.60
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
0.490
0.495
0.500
0.505
0.510
-50
-25
0
25
50
75
100
125
150
Junction T emperature (℃)
(g) VREF_CV vs Tj
(h) VTH_OC vs Tj



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com