Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
Freescale Semiconductor
6-1
Host Interface (HI08)
6
The host interface (HI08) is a byte-wide, full-duplex, double-buffered parallel port that can
connect directly to the data bus of a host processor. The HI08 supports a variety of buses and
provides glueless connection with a number of industry-standard microcomputers,
microprocessors, and DSPs. The HI08 signals not used to interface to the host can be configured
as GPIO signals, up to a total of 16.
6.1 Features
The HI08 host is a slave device that operates asynchronously to the DSP core and host clocks.
Thus, the HI08 peripheral has a host processor interface and a DSP core interface. This section
lists the features of the host processor and DSP core interfaces.
6.1.1 DSP Core Interface
„ Mapping: Registers are directly mapped into eight internal X data memory locations.
„ Data word: DSP56303 24-bit (native) data words are supported, as are 8-bit and 16-bit
words.
„ Handshaking protocols:
— Software polled
— Interrupt driven
— Core DMA accesses
„ Instructions:
— Memory-mapped registers allow the standard MOVE instruction to transfer data
between the DSP56303 and external hosts.
— A special MOVEP instruction for I/O service capability using fast interrupts.
— Bit addressing instructions (for example, BCHG, BCLR, BSET, BTST, JCLR, JSCLR,
JSET, JSSET) simplify I/O service routines.
6.1.2 Host Processor Interface
„ Sixteen signals support non-multiplexed or multiplexed buses:
H[0–7]/HAD[0–7] host data bus (H[0–7]) or host multiplexed address/data bus (HAD[0–7])
HAS/HA0 address strobe (HAS) or host address line (HA0)
HA8/HA1 host address line (HA8) or host address line (HA1)
HA9/HA2 host address line (HA9) or host address line (HA2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com