Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56303 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # DSP56303
Description  DSP56303 USER?셎 MANUAL
PDF  292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56303 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button DSP56303 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 103Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 104Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 105Page - Freescale Semiconductor, Inc DSP56303 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 292 page
background image
DSP56303 User’s Manual, Rev. 2
6-2
Freescale Semiconductor
Host Interface (HI08)
HRW/HRD read/write select (HRW) or read strobe (HRD)
HDS/HWR data strobe (HDS) or write strobe (HWR)
HCS/HA10 host chip select (HCS) or host address line (HA10)
HREQ/HTRQ host request (HREQ) or host transmit request (HTRQ)
HACK/HRRQ host acknowledge (HACK) or host receive request (HRRQ)
Note:
The signals in the above list that are shown as asserted low (for example, HRD) all have
programmable polarity. The default value following reset is shown in the above list.
„ Mapping:
— HI08 registers are mapped into eight consecutive locations in the host’s external bus
address space.
— The HI08 acts as a memory or I/O-mapped peripheral for microprocessors,
microcontrollers, and so forth.
„ Transfer modes:
— Mixed 8-bit, 16-bit, and 24-bit data transfers, DSP-to-host and host-to-DSP
— Host command
„ Handshaking protocols:
— Software polled
— Interrupt-driven (Interrupts are compatible with most processors, including the
MC68000, 8051, HC11, and Hitachi H8.)
„ Data word: 8 bits
„ Dedicated interrupts:
— Separate request lines for each interrupt source
— Special host commands force DSP core interrupts under host processor control. These
commands are useful for
Real-time production diagnostics
Creation of a debugging window for program development
Host control protocols
„ Interface capabilities:
— Glueless interface (no external logic required) to
•HC11
Hitachi H8
8051 family
Thomson P6 family
— Minimal glue logic (pull-ups, pull-downs) required to interface to
•ISA bus
Freescale 68K family
Intel X86 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com