| Electronic Components Datasheet Search |
|
LF3321 Datasheet(PDF) 19 Page - LOGIC Devices Incorporated |
|
|
|||||||||||||||||||||||||||||
LF3321 Datasheet(HTML) 19 Page - LOGIC Devices Incorporated |
|
19 / 28 page ![]() DEVICES INCORPORATED LF3321 Horizontal Digital Image Filter Improved Performance LOGIC Devices Incorporated 19 Feb 5, 2003 LDS.3321-A Video Imaging Products The LF3321 is capable of supporting 24-bit data and 12-bit coefficients or 12-bit data and 24-bit coefficients. When configured for this mode of operation, the Filter B output is scaled by 2-12 before adding it to the Filter A output. This mode of operation is only valid in single filter mode. To configure the LF3321 for this mode, bit 3 of Configuration Register 5 must be set to 1; this will account for the scaling function (Table 7). For 24-bit data, DIN11-0 becomes the MSB (Filter A) and RIN11-0 becomes the LSB (Filter B), bit 2 of Configuration Register 5 must be set to 0. To insure correct results, the coefficient sets must be aligned appropriately; that is to say, the coefficient set used for the MSB must be the same for the LSB. For 24-bit coefficients, the coefficient banks for Filter A will correspond to the coefficient MSB and the coefficient banks for Filter B will correspond to the coefficient LSB; therefore, bit 2 must be set to 1. Once again, to insure correct results, the coefficient sets must be aligned appropriately; that is to say, the MSB coefficients must correspond to their LSB coefficients. The output data will appear at DOUT15-0; output appearing at ROUT3-0/COUT11-0 will not be of any value. Bit 1 is set to 0 (for single filter mode) and bit 0 is set to 0 (cascade mode must be disabled). Therefore, to realize 24-bit data/12-bit coefficients the user must write 008H to Configuration Register 5; conversely, for 12-bit data/24-bit coefficients the user must write 00CH to Configuration Register 5. The Double Wide Data/Coefficient Mode is valid in the Matrix Multiplication Mode; however, special considerations must be observed when these two modes are combined. The LF3321 must be configured for single filter mode only, for a maximum (8x8) matrix. In addition, the user must disable the cascaded filter mode, the accumulator access mode, and the data reversal (Table 7). For additional considerations, refer to the corresponding mode of operation section. Operating Modes Double Wide Data/Coefficient Mode Figure 20. Single Filter, Matrix Multiply Timing Sequence CLK DIN11-0 CAB7-0 CENA / CENB 1 2 DATA SET 0 RIN11-0 CF00 CAA7-0 3 CF01 CF02 CF0A SHENA / SHENB * 11 Clocks - First Output of First Data/Coefficient Set ** 16 Clocks - End of First Data/Coefficient Set *** 26 Clocks - Final Output of First Data/Coefficient Set 1 Data Set with 16 Coefficient Sets CF0B CF0C CF0D DATA SET 0 DOUT15-0 OUT0 OUT1 11* 12 13 14 CF0E 16** OUT15 26*** OUT2 OUT3 OUT4 OUT5 CF0F OUT6 CF10 15 17 TXFRA/ TXFRB |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |