Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3321 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  LF3321 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
5
Feb 5, 2003 LDS.3321-A
Video Imaging Products
When interleaved data is fed through the device and an even tap filter is desired, the filter should be
configured for an even number of taps and the I/D Register length should match the number of data sets
interleaved together. When interleaved data is fed through the device and an odd tap filter is desired, the
filter should be set to Odd-Tap Interleave Mode. Bit 0 of Configuration Register 1 and Configuration Register
3 configures Filters A and B respectively for Odd-Tap Interleave Mode. When the filter is configured for
Odd-Tap Interleave Mode, data from the next to last I/D Register in the forward data path is fed into the
first I/D Register in the reverse data path.
When the filter is configured for an odd number of taps (interleaved or non-interleaved modes), the filter is
structured such that the center data value is aligned simultaneously at the A and B inputs of the last ALU in
the forward data path. In order to achieve the correct result, the user must divide the coefficient by two.
Data reversal circuitry is placed after the multiplexers which route data from the forward data path to the
reverse data path (see Figure 6). When decimating, the data stream must be reversed in order for data to
be properly aligned at the inputs of the ALUs.
Functional Description
ALU
A
B
ALU
A
B
COEF 7
COEF 6
ALU
A
B
ALU
A
B
COEF 7
COEF 6
Delay Stage N 1
ALU
A
B
ALU
A
B
COEF 6
EVEN-TAP MODE
ODD-TAP MODE
ODD-TAP INTERLEAVE MODE
2
COEF 7
2
Delay Stage N
Figure 5. I/D Register Data Paths
Data Reversal
Figure 6. Data Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com