Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LF3321 Datasheet(PDF) 4 Page - LOGIC Devices Incorporated

Part # LF3321
Description  Horizontal Digital Image Filter Improved Performance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3321 Datasheet(HTML) 4 Page - LOGIC Devices Incorporated

  LF3321 Datasheet HTML 1Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 2Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 3Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3321 Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DEVICES INCORPORATED
LF3321
Horizontal Digital Image Filter
Improved Performance
LOGIC Devices Incorporated
4
Feb 5, 2003 LDS.3321-A
Video Imaging Products
The ALUs double the number of filter taps available, when symmetric coefficient sets are used, by pre-
adding data values which are then multiplied by a common coefficient (see Figure 4). The ALUs can
perform two operations: A+B and B–A. Bit 0 of Configuration Register 0 determines the operation of the
ALUs in Filter A. Bit 0 of Configuration Register 2 determines the operation of the ALUs in Filter B. A+B is
used with even-symmetric coefficient sets. B–A is used with odd-symmetric coefficient sets.
Also, either the A or B operand may be set to 0. Bits 1 and 2 of Configuration Register 0 and Configuration
Register 2 control the ALU inputs in Filters A and B respectively. A+0 or B+0 are used with asymmetric
coefficient sets.
The Interleave/Decimation Registers (I/D Registers), feed the ALU inputs. They allow the device to filter up
to sixteen data sets interleaved into the same data stream without having to separate the data sets. The I/D
Registers should be set to a length equal to the number of data sets interleaved together.
For example, if two data sets are interleaved together, the I/D Registers should be set to a length of two.
Bits 1 through 4 of Configuration Register 1 and Configuration Register 3 determine the length of the I/D
Registers in Filters A and B respectively.
The I/D Registers also facilitate using decimation to increase the number of filter taps. Decimation by N is
accomplished by reading the filter’s output once every N clock cycles. The device supports decimation up to
16:1. With no decimation, the maximum number of filter taps is sixteen. When decimating by N, the number
of filter taps becomes 16N because there are N–1 clock cycles when the filter’s output is not being read. The
extra clock cycles are used to calculate more filter taps.
When decimating, the I/D Registers should be set to a length equal to the decimation factor. For example,
when performing a 4:1 decimation, the I/D Registers should be set to a length of four. When decimation is
disabled or when only one data set (non-interleaved data) is fed into the device, the I/D Registers should
be set to a length of one.
The three multiplexers in the I/D Register data path control how data is routed through the forward and
reverse data paths. The forward data path contains the I/D Registers in which data flows from left to right
in the block diagram in Figure 1. The reverse data path contains the I/D Registers in which data flows from
right to left. In Single or Dual Filter Modes, data is fed from the forward data path to the reverse data path
as follows. When the filter is configured for an even number of taps, data from the last I/D Register in the
forward data path is fed into the first I/D Register in the reverse data path (see Figure 5). When the filter
is configured for an odd number of taps, the data which will appear at the output of the last I/D Register
in the forward data path on the next clock cycle is fed into the first I/D Register in the reverse data path.
Bit 5 in Configuration Register 1 and Configuration Register 3 configures Filters A and B respectively for
an even or odd number of taps.
Functional Description
ALU
I/D Registers
1
2
3
4
5
6
7
8
Even-Tap, Even-Symmetric
Coefficient Set
Odd-Tap, Even-Symmetric
Coefficient Set
1
2
3
4
5
6
7
8
Even-Tap, Odd-Symmetric
Coefficient Set
1
2
3
4
5
6
7
Figure 4. Symmetric Coefficient Set Examples
I/D Registers Data
Path Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com