Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D5-SBC-RPL Datasheet(PDF) 3 Page - Kontron

Part # 3D5-SBC-RPL
Description  3.5" Single Board Computer with 13th Gen Intel® Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-RPL Datasheet(HTML) 3 Page - Kontron

  3D5-SBC-RPL Datasheet HTML 1Page - Kontron 3D5-SBC-RPL Datasheet HTML 2Page - Kontron 3D5-SBC-RPL Datasheet HTML 3Page - Kontron 3D5-SBC-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
www.kontron.com
3.5”-SBC-RPL
Technical Information
Intel® Core™ i7-1365UE / i7-1365URE
(10C, 12M, 1.7 / 4.9 GHz, FCBGA1744, 12 W ← 15 W → 28 W TDP)
Intel® Core™ i5-1345UE / i5-1345URE
(10C, 12M, 1.4 / 4.6 GHz, FCBGA1744, 12 W ← 15 W → 28 W TDP)
Intel® Core™ i3-1315UE / i3-1315URE
(6C, 10M, 1.2 / 4.5 GHz, FCBGA1744, 12 W ← 15 W → 28 W TDP)
Intel® U300E
(5C, 8M, 1.1 / 4.3 GHz, FCBGA1744, 12 W ← 15 W → 28 W TDP)
2x DDR5 5200 SO-DIMM up to 96 GByte
Intel® Iris® Xe Graphics
1x eDP (4096 x 2304 @ 120 Hz) / LVDS (24-bit, 2-ch, 1920 x 1200 @ 60 Hz)
2x DP (7680 x 4320 @ 60 Hz, on rear)
Quadruple Display (more display I/Os supported via board-to-board connector)
TSI 92HD91B
1x Speaker-out (Stereo, 3 W, by header)
1x Line-in (by header)
1x Line-out (by header)
1x Mic-in (by header)
1x S/PDIF Out (by header)
2x 2.5 GbE LAN (RJ45 on rear, Intel® I226-LM/IT, TSN support*)
4x USB 3.2 Gen 2 (Type A on rear)
4x USB 2.0 (by header, -1 in case of 2x CAN Bus, -2 in case of 2x USB 2.0 in B2B)
2x RS232 (def.) / RS232/422/485 (opt.) (by header, Tx/Rx only for RS232 signal)
4x DI (by header)
4x DO (by header)
2x CAN Bus (optional, by header, trade o 1x USB 2.0 header)
1x SATA 3.0
1x M.2 Key B (Type 2242/3042/3052/2280, w/ PCIe x1 / USB 2.0 / SATA / UIM)
1x M.2 Key E (Type 2230, w/ PCIe x1 / USB 2.0 / CNVi)
1x M.2 Key M (Type 2280, w/ PCIe x4)
1x SIM Card Holder (by header)
1x DDI
1x TCP
1x PCIe x2
1x PCIe x1
1x SM Bus
1x I2C
1x UART
1x GSPI
2x USB 2.0 (optional, trade o 2x USB 2.0 header)
DC 9 V ~ 36 V (Configuration 1)
DC 12 V (Configuration 2)
1x4-pin pitch 3.0 mm Wafer
AMI uEFI BIOS w/ 256 Mb SPI Flash
Programmable WDT to generate system reset event
Voltages, Temperatures
Processor integrated RTC
TPM 2.0 Support (Infineon SLB 9672)
1x Header for Reset Button, HDD LED & External Speaker
1x Header for Power Button, Power LED & SM Bus
1x Standby LED (Yellow, on rear)
1x Power LED (Green, on rear)
1x Power Button (on rear)
1x Wafer for Smart Fan
Windows 11, Windows 10, Linux
ECX (146 mm x 105 mm / 5.75" x 4.13")
0 °C ~ 60 °C / 32 °F ~ 140 °F (Standard)
-40 °C ~ 85 °C / -40 °F ~ 185 °F (Extreme)
-20 °C ~ 80 °C / -4 °F ~ 176 °F (Standard)
-55 °C ~ 85 °C / -67 °F ~ 185 °F (Extreme)
0 % ~ 95 %
CE Class B, FCC Class B, ICES Class B, UKCA, UR (UL Recognized)
PROCESSOR
MEMORY
GRAPHICS
DISPLAY INTERFACE
MULTIPLE DISPLAY
AUDIO CODEC
AUDIO INTERFACE
ETHERNET
USB
SERIAL PORT
OTHER I/Os
SATA
M.2
SIM CARD HOLDER
BOARD-TO-BOARD CONNECTOR
INPUT VOLTAGE
CONNECTOR
BIOS
WATCHDOG
H/W MONITOR
REAL TIME CLOCK
SECURITY
FP HEADER
BUTTON, SWITCH & INDICATOR
FAN
OS SUPPORT
DIMENSION (L x W)
OPERATING TEMPERATURE
STORAGE TEMPERATURE
HUMIDITY
EMC & SAFETY
SYSTEM
VIDEO
AUDIO
NETWORK CONNECTION
PERIPHERAL CONNECTION
STORAGE & EXPANSION
POWER
FIRMWARE
SYSTEM CONTROL &
MONITORING
COOLING
SOFTWARE
MECHANICAL
ENVIRONMENTAL
COMPLIANCE
* TSN support only for models with Core™ URE Series processors



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com