Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D5-SBC-RPL Datasheet(PDF) 2 Page - Kontron

Part # 3D5-SBC-RPL
Description  3.5" Single Board Computer with 13th Gen Intel® Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-RPL Datasheet(HTML) 2 Page - Kontron

  3D5-SBC-RPL Datasheet HTML 1Page - Kontron 3D5-SBC-RPL Datasheet HTML 2Page - Kontron 3D5-SBC-RPL Datasheet HTML 3Page - Kontron 3D5-SBC-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.kontron.com
3.5”-SBC-RPL
Product Highlights
3.5" Single Board Computer with 13th Gen Intel® Core™ U-Series Processors
13th Gen Intel® Core™ U-Series processors (TDP up to 28 W)
2x DDR5 SO-DIMM memory socket
2x DP, 1x eDP / LVDS for video output
2x 2.5 GbE LAN for Ethernet
4x USB 3.2 Gen 2, 4x USB 2.0 for USB device connection
2x RS232 or 2x RS232/422/485 for serial device connection
4x DI, 4x DO for device / signal control
1x SATA 3.0 for storage device
1x M.2 Key B for SSD, WWAN or other expansion
1x M.2 Key E for WLAN, Bluetooth or other expansion
1x M.2 Key M for SSD
1x board-to-board connector for additional real I/Os
TPM 2.0 support
Wide power input voltage range available: DC 9 V ~ 36 V
Extreme temperature model available: -40 °C ~ 85 °C
Block Diagram
3.5"-SBC-RPL is a 3.5" single board computer powered by 13th Gen
Intel® Core™ U-Series processors. Besides great performance
improvement in graphics, it features 2.5 GbE with TSN (Time
Sensitive Networking) capability and enhanced TPM 2.0 security /
encryption support, ideal for a variety of IoT applications, such as
industrial automation, retail, smart city and healthcare.
The board supports an extended board-to-board connector, provid-
ing additional I/O port expansion to fulfill possible application
requirements.
DP
DP
USB 3.2 Gen 2
USB 3.2 Gen 2
USB 3.2 Gen 2
USB 3.2 Gen 2
2.5 GbE
Standby LED
2.5 GbE
Power LED
Power Button
Internal Connector
Rear I/O Connector
13th Gen
Intel® Core™
U-Series
Processors
1x M.2 Key E
Slot
PCIe x1 / USB 2.0 / CNVi
2x DDR5
SO-DIMM
Slot
DDR5-4800/5200
1x M.2 Key B
Slot
PCIe x1 / USB 2.0 / SATA
1x M.2 Key M
Slot
PCIe x4
1x RJ45
Connector
Intel®
I226LM/IT
PCIe
2.5 GbE
1x eDP /
LVDS
Connector
Chrontel
CH7513A
eDP
LVDS
24-bit 2-ch
2x DP
Connector
TCP0 / TCP1
1x RJ45
Connector
Intel®
I226LM/IT
PCIe
2.5 GbE
4x USB 3.2
Gen 2 Type A
Connector
USB 3.2 Gen 2
1x SATA
Connector
SATA 3.0
Embd. Ctrl.
Microchip
MEC 1521H-
B0-I/SZ
eSPI
2x UART
Digital I/O
Wafer
8-bit GPIO
2x COM Port
Wafer
2x RS232/
(422/485)*
2x RS232/
(422/485)*
Transceiver
TPM 2.0
Infineon
SLB9672
SPI
Board-to-
Board
Connector
PCIe x2 / PCIe x1 / DDIB / TCP2 /
SMBus / I2C / UART / GSPI
4x USB 2.0
Header
4x USB 2.0
2x USB 2.0*
CAN Bus
Controller*
2x CAN Bus
Wafer*
2x CAN*
1x USB 2.0*
9 V ~ 36 V DC
Input
TSI
92HD91B
HDA
Audio
Header
L-in/L-out
/M-in
2x SPKR-out
Wafer
SPKR-out
S/PDIF
Wafer
S/PDIF-out
(*: optional)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com