Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D5-SBC-RPL Datasheet(PDF) 4 Page - Kontron

Part # 3D5-SBC-RPL
Description  3.5" Single Board Computer with 13th Gen Intel® Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-RPL Datasheet(HTML) 4 Page - Kontron

  3D5-SBC-RPL Datasheet HTML 1Page - Kontron 3D5-SBC-RPL Datasheet HTML 2Page - Kontron 3D5-SBC-RPL Datasheet HTML 3Page - Kontron 3D5-SBC-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Global Headquarters
Kontron Europe GmbH
Gutenbergstraße 2
85737 Ismaning, Germany
Tel.: + 49 821 4086-0
info@kontron.com
www.kontron.com
3.5”-SBC-RPL
Ordering Information
43020-XT-2006
43020-XT-2004
43020-ST-2001
43020-ST-2000
43020-ST-2003
43020-XT-2002
43020-ST-2005
EMEA / AMERICA
ARTICLE
DESCRIPTION
ORDERING CODE*
3.5"-SBC-RPL-0-i7-1365URE-XT
3.5"-SBC-RPL-1-i5-1345URE-XT
3.5"-SBC-RPL-2-i3-1315UE
3.5"-SBC-RPL-3-U300E
3.5"-SBC-RPL-4-i5-1345UE
3.5"-SBC-RPL-5-i3-1315URE-XT
3.5"-SBC-RPL-6-i7-1365UE
* For ordering code for APAC, contact your local account manager.
Intel® Core™ i7-1365URE, Operating temperature: -40 °C ~ 85 °C
Intel® Core™ i5-1345URE, Operating temperature: -40 °C ~ 85 °C
Intel® Core™ i3-1315UE, Operating temperature: 0 °C ~ 60 °C
Intel® U300E, Operating temperature: 0 °C ~ 60 °C
Intel® Core™ i5-1345UE, Operating temperature: 0 °C ~ 60 °C
Intel® Core™ i3-1315URE, Operating temperature: -40 °C ~ 85 °C
Intel® Core™ i7-1365UE, Operating temperature: 0 °C ~ 60 °C
Accessories
DC IN CABLE*
SATA CABLE
SATA POWER CABLE
COM PORT CABLE
DIO CABLE
USB CABLE (2 PORT)
AUDIO CABLE
ADAPTER
SCREW COPPER PILLAR KIT
COOLER
HEATSINK
I/O CARD (3.5"-eIO-GPA-0)
I/O CARD (3.5"-eIO-GPA-1)
I/O CARD (3.5"-eIO-GPA-2-XT)
EMEA / AMERICA
TBD
1064-2431
1064-2430
1064-2427
1065-3137
1069-7893
1070-1245
1074-9217
TBD
1067-5535
TBD
1069-6159
1069-6922
1073-9682
1x4P 3.0 pitch to EHDP-2P 5.08 pitch + JST 110 1x2P, L = 230 mm
1x7P connector with lock, pitch = 1.27 mm, L = 460 mm
1x4P 2.0 mm pitch to SATA 1x15P 1.27 mm pitch, L = 460 mm
1x10P 1.25 mm pitch to DB9 connector, L = 350 mm
D-SUB-9P (Female) to MX51021-10P 1x10P 1.25 mm pitch, L = 200 mm
2x5P 2.0 mm pitch to 2x USB 2.0 Type A female w/ bracket, L = 27 cm
2x5P 1.25 mm pitch to 3x 3.5 mm ear phone jack, L = 400 mm
Input: AC 100 V ~ 240 V, output: DC 24 V @ 6.25 A Max. 150 W
2x 39.6 mm pillar, 6x 19 mm pillar, 5x 5 mm screw
Al heatsink w/ pad, 4-wire PWM controlled fan, Max. 15 W TDP
Al +Cu heatsink w/ pad, 4x M3x6L screw
2x DP, 2x 2.5 GbE, 1x UART, 1x I2C, 1x SMBus, 1x GSPI, 1x DC In, 0 ~ 60 °C
2x DP, 2x 2.5 GbE, 1x UART, 1x I2C, 1x SMBus, 1x GSPI, 0 ~ 60 °C
2x DP, 2x 2.5 GbE, 1x UART, 1x I2C, 1x SMBus, 1x GSPI, 1x DC In, -40~85°C
ARTICLE
DESCRIPTION
NO.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
(*: standard supplied accessories for single-piece box packing)
APAC
0C5020000001920L
0C5020000004240L
0C5020000004230L
0C5020000005130L
0C5020000003360L
0C5020003000010L
0C5020000005840L
0I0902SPU151A02L
0ZHK35SBC0000002
0H05XX000002270L
0ZHK35SRPL000001
B35EGPA0-001001T
B35EGPA0-011001T
B35EGPAI-021000T
ORDERING CODE
Starter Kits
STARTER KIT FOR 3.5"-SBC-RPL (ACTIVE)
STARTER KIT FOR 3.5”-SBC-RPL (PASSIVE)
ARTICLE
EMEA / AMERICA
1074-8826
TBD
Including above accessories table No. 1 ~ 8 & 10
Including above accessories table No. 1 ~ 8, 9 & 11
DESCRIPTION
APAC
0ZHK35SRPL000003
0ZHK35SRPL000002
ORDERING CODE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com