Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3D5-SBC-RPL Datasheet(PDF) 1 Page - Kontron

Part # 3D5-SBC-RPL
Description  3.5" Single Board Computer with 13th Gen Intel® Core™
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

3D5-SBC-RPL Datasheet(HTML) 1 Page - Kontron

  3D5-SBC-RPL Datasheet HTML 1Page - Kontron 3D5-SBC-RPL Datasheet HTML 2Page - Kontron 3D5-SBC-RPL Datasheet HTML 3Page - Kontron 3D5-SBC-RPL Datasheet HTML 4Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.5" Single Board Computer with
13th Gen Intel® Core™ U-Series Processors
3.5”-SBC-RPL
Time Coordinated Computing / Time Sensitive Networking for real-time control
8K UHD video output support
Additional Rear I/O expansion via board-to-board connector
Industrial-grade operating temperature range for extreme environmental conditions
Wide power input voltage range for more application scenarios


Similar Part No. - 3D5-SBC-RPL

ManufacturerPart #DatasheetDescription
logo
Kontron
3D5-SBC-R39 KONTRON-3D5-SBC-R39 Datasheet
2Mb / 4P
3.5” SINGLE BOARD COMPUTER WITH ARM® CORTEX®-A72
More results

Similar Description - 3D5-SBC-RPL

ManufacturerPart #DatasheetDescription
logo
DFI Inc
HU551 DFI-HU551 Datasheet
1Mb / 2P
4th Gen Intel Core 3.5
KU551 DFI-KU551 Datasheet
1Mb / 2P
7th Gen Intel Core 3.5
KU553 DFI-KU553 Datasheet
1Mb / 2P
7th Gen Intel Core 3.5 SBC
WL551 DFI-WL551 Datasheet
781Kb / 4P
8th Gen Intel Core 3.5
logo
AAEON Technology
HPC-ADSC.HPC-RPSC AAEON-HPC-ADSC.HPC-RPSC Datasheet
530Kb / 2P
COM HPC Client Size C with 12th/13th Generation Intel® Core™ Platform
2023/04/19
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
logo
BCM Advanced Research.
ECM-KBLH BCM-ECM-KBLH Datasheet
382Kb / 1P
7th Gen Intel® Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM175 Chipset
2022/02/24
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
ECM-SKLH BCM-ECM-SKLH Datasheet
344Kb / 1P
6th Gen Intel®Core ™ Processor i7/i5/i3 3.5”Micro Module with Intel® QM170 Chipset
NUC-RPLP BCM-NUC-RPLP Datasheet
402Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Raptor Lake P Mobile Processor onboard, Small Fanless Embedded Computer
05/26/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com