Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RB2FBC Datasheet(PDF) 44 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 40Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 41Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 42Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 43Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 44Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 45Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 46Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 47Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
44 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
Table 33.
CMOD - PCA counter mode register (address C1H) bit description
Bit
Symbol
Description
7
CIDL
Counter Idle control. CIDL = 0 programs the PCA counter to continue
functioning during Idle mode; CIDL = 1 programs it to be gated off
during Idle mode.
6
WDTE
WatchDog Timer Enable. WDTE = 0 disables watchdog timer function
on module 4; WDTE = 1 enables it.
5 to 3
-
Reserved for future use. Should be set to 0 by user programs.
2 to 1
CPS1,
CPS0
PCA Count Pulse Select; see Table 34.
0
ECF
PCA Enable Counter overflow interrupt Flag. ECF = 1 enables CF bit
in CCON to generate an interrupt; ECF = 0 disables that function.
Table 34.
CMOD - PCA counter mode register (address C1H) count pulse select
CPS1
CPS0
Select PCA input
0
0
0 internal clock, fosc /6
0
1
1 internal clock, fosc /6
1
0
2 Timer 0 overflow
1
1
3 external clock at pin P1[2]/ECI (maximum rate = fosc /4)
Table 35.
CCON - PCA counter control register (address D8H) bit allocation
Bit addressable; reset value: 00H.
Bit
7
6
5
4
3
2
1
0
Symbol
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
Table 36.
CCON - PCA counter control register (address D8H) bit description
Bit
Symbol
Description
7
CF
PCA Counter overflow Flag. Set by hardware when the counter rolls
over. CF flags an interrupt if bit ECF in CMOD is set. CF may be set by
either hardware or software but can only be cleared by software.
6
CR
PCA Counter Run control. Set by software to turn the PCA counter on.
Must be cleared by software to turn the PCA counter off.
5
-
Reserved for future use. Should be set to 0 by user programs.
4
CCF4
PCA Module 4 interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
3
CCF3
PCA Module 3 interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
2
CCF2
PCA Module 2 interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
1
CCF1
PCA Module 1 interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.
0
CCF0
PCA Module 0 interrupt Flag. Set by hardware when a match or
capture occurs. Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com