Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RB2FBC Datasheet(PDF) 63 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 59Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 60Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 61Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 62Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 63Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 64Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 65Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 66Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
63 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
Fig 33. Shift register mode timing waveforms
002aaa552
ALE
0
instruction
1
2
3
4
5
6
7
8
01
2
3
4
5
6
7
valid
valid
valid
valid
valid
valid
valid
valid
tXLXL
set TI
set RI
tXHQX
tQVXH
tXHDV
tXHDX
clock
output data
write to SBUF
input data
clear RI
Table 58.
SPI interface timing
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fSPI
SPI operating frequency
0
Tcy(clk) / 4
0
10
MHz
TSPICYC
SPI cycle time
see Figure 34, 35, 36, 37
4Tcy(clk)
-
222
-
ns
tSPILEAD
SPI enable lead time
see Figure 36, 37
250
-
250
-
ns
tSPILAG
SPI enable lag time
see Figure 36, 37
250
-
250
-
ns
tSPICLKH
SPICLK HIGH time
see Figure 34, 35, 36, 37
2Tcy(clk)
-
111
-
ns
tSPICLKL
SPICLK LOW time
see Figure 34, 35, 36, 37
2Tcy(clk)
-
111
-
ns
tSPIDSU
SPI data set-up time
master or slave;
see Figure 34, 35, 36, 37
100
-
100
-
ns
tSPIDH
SPI data hold time
master or slave;
see Figure 34, 35, 36, 37
100
-
100
-
ns
tSPIA
SPI access time
see Figure 36, 37
0
80
0
80
ns
tSPIDIS
SPI disable time
see Figure 36, 37
0
160
-
160
ns
tSPIDV
SPI enable to output data
valid time
see Figure 34, 35, 36, 37
-
111
-
111
ns
tSPIOH
SPI output data hold time
see Figure 34, 35, 36, 37
0-
0
-
ns
tSPIR
SPI rise time
see Figure 34, 35, 36, 37
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns
tSPIF
SPI fall time
see Figure 34, 35, 36, 37
SPI outputs (SPICLK, MOSI,
MISO)
-
100
-
100
ns
SPI inputs (SPICLK, MOSI,
MISO, SS)
-
2000
-
2000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com