Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RB2FBC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 64Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 65Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 66Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 67Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 68Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 69Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 70Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 71Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
68 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
10. Package outline
Fig 42. Package outline SOT376-1 (TQFP44)
UNIT
A
max.
A1
A2
A3
bp
cE(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.2
0.15
0.05
1.05
0.95
0.25
0.45
0.30
0.18
0.12
10.1
9.9
0.8
12.15
11.85
1.2
0.8
7
0
o
o
0.2
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT376-1
137E08
MS-026
00-01-19
02-03-14
D(1)
(1)
(1)
10.1
9.9
HD
12.15
11.85
E
Z
1.2
0.8
D
b p
e
E
B
11
D
H
b p
E
H
v M B
D
ZD
A
Z E
e
v M A
1
44
34
33
23
22
12
θ
A1
A
L p
detail X
L
(A )
3
A2
X
y
c
w M
w M
0
2.5
5 mm
scale
TQFP44: plastic thin quad flat package; 44 leads; body 10 x 10 x 1.0 mm
SOT376-1
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com