Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89CV51RB2FBC Datasheet(PDF) 69 Page - NXP Semiconductors

Part # P89CV51RB2FBC
Description  8-bit 80C51 5 V low power 64 kB flash microcontroller with 1 kB RAM, SPI, 6-clock CPU with 6/12-clock peripherals
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89CV51RB2FBC Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button P89CV51RB2FBC Datasheet HTML 65Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 66Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 67Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 68Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 69Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 70Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 71Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 72Page - NXP Semiconductors P89CV51RB2FBC Datasheet HTML 73Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
P89CV51RB2_RC2_RD2_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 5 October 2007
69 of 73
NXP Semiconductors
P89CV51RB2/RC2/RD2
80C51 with 1 kB RAM, SPI
Fig 43. Package outline SOT187-2 (PLCC44)
UNIT
A
A1
min.
A4
max.
bp
ey
w
v
β
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
4.57
4.19
0.51
3.05
0.53
0.33
0.021
0.013
16.66
16.51
1.27
17.65
17.40
2.16
45
o
0.18
0.1
0.18
DIMENSIONS (mm dimensions are derived from the original inch dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
SOT187-2
D(1)
E(1)
16.66
16.51
HD
HE
17.65
17.40
ZD
(1)
max.
ZE
(1)
max.
2.16
b1
0.81
0.66
k
1.22
1.07
0.180
0.165
0.02
0.12
A3
0.25
0.01
0.656
0.650
0.05
0.695
0.685
0.085
0.007 0.004
0.007
Lp
1.44
1.02
0.057
0.040
0.656
0.650
0.695
0.685
eD
eE
16.00
14.99
0.63
0.59
16.00
14.99
0.63
0.59
0.085
0.032
0.026
0.048
0.042
29
39
44
1
6
717
28
18
40
detail X
(A )
3
bp
w M
A1
A
A4
L p
b1
β
k
X
y
e
E
B
D
H
E
e
E
H
v M B
D
Z D
A
Z E
e
v M A
pin 1 index
112E10
MS-018
EDR-7319
0
5
10 mm
scale
99-12-27
01-11-14
inches
PLCC44: plastic leaded chip carrier; 44 leads
SOT187-2
D
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com