Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1069 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 49Page - NXP Semiconductors UJA1069 Datasheet HTML 50Page - NXP Semiconductors UJA1069 Datasheet HTML 51Page - NXP Semiconductors UJA1069 Datasheet HTML 52Page - NXP Semiconductors UJA1069 Datasheet HTML 53Page - NXP Semiconductors UJA1069 Datasheet HTML 54Page - NXP Semiconductors UJA1069 Datasheet HTML 55Page - NXP Semiconductors UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
53 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
a. Test circuit
b. Behavior at Tj =25 °C
c. Behavior at Tj =85 °C
Fig 23. Switch-on behavior of VV1
001aaf572
100
nF
100
nF
100
µF/
0.1
Ω
47
µF/
0.1
Ω
BAT42
BAT14
GND
V1
SBC
VBAT
Rload
Iload = 30 mA
001aaf573
t (
µs)
0
2.0
1.6
0.8
1.2
0.4
2
4
6
VV1
(V)
0
VBAT = 8 V
type 5V0
type 3V3
type 3V0
VBAT = 5.5 V
VBAT = 12 V
001aaf574
t (
µs)
0
2.0
1.6
0.8
1.2
0.4
2
4
6
VV1
(V)
0
VBAT = 8 V
type 5V0
type 3V3
type 3V0
VBAT = 5.5 V
VBAT = 12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com