Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1069 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 55Page - NXP Semiconductors UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors UJA1069 Datasheet HTML 58Page - NXP Semiconductors UJA1069 Datasheet HTML 59Page - NXP Semiconductors UJA1069 Datasheet HTML 60Page - NXP Semiconductors UJA1069 Datasheet HTML 61Page - NXP Semiconductors UJA1069 Datasheet HTML 62Page - NXP Semiconductors UJA1069 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
59 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
Fig 28. Package outline SOT864-1 (HTSSOP24)
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT864-1
MO-153
SOT864-1
04-09-23
05-12-06
DIMENSIONS (mm are the original dimensions)
HTSSOP24: plastic thermal enhanced thin shrink small outline package; 24 leads;
body width 4.4 mm; lead pitch 0.65 mm; exposed die pad
θ
A
Lp
detail X
L
(A3)
A2
A1
bp
A
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
D
Z
E
c
DH
HE
Eh
y
e
w M
pin 1 index
exposed die pad
vA
M
X
0
2.5
5 mm
scale
UNIT
A
max
mm
1.1
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
7.9
7.7
4.5
4.3
6.6
6.2
0.75
0.50
0.5
0.2
A1
A2
A3
0.25
bp
c
D(1)
E(2)
e
0.65
HE
3.3
3.1
Eh
4.3
4.1
Dh
L
1
Lp
v
0.2
w
0.13
y
0.1
Z
θ
8°
0°
112
24
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com