| Electronic Components Datasheet Search |
|
UJA1069 Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1069 Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 64 page ![]() UJA1069_3 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 03 — 10 September 2007 14 of 64 NXP Semiconductors UJA1069 LIN fail-safe system basis chip 6.4.3 Watchdog time-out behavior Whenever the SBC operates in Standby mode, in Sleep mode or in Flash mode, the active watchdog operates in Time-out mode. The watchdog has to be triggered within the actual programmed period time; see Figure 6. The Time-out mode can be used to provide cyclic wake-up events to the host microcontroller from Standby mode and Sleep mode. In Standby and in Flash mode the nominal periods can be changed with any SPI access to the Mode register. Any illegal watchdog trigger code results in an immediate system reset, entering Start-up mode. 6.4.4 Watchdog OFF behavior In Standby mode and Sleep mode it is possible to switch off the watchdog entirely. For fail-safe reasons this is only possible if the microcontroller has stopped program execution. To ensure that there is no program execution, the V1 supply current is monitored by the SBC while the watchdog is switched off. When selecting the watchdog OFF code, the watchdog remains active until the microcontroller supply current has dropped below the current monitoring threshold IthL(V1). After the supply current has dropped below the threshold, the watchdog stops at the end of the watchdog period. In case the supply current does not drop below the monitoring threshold, the watchdog stays active. If the microcontroller supply current increases above IthH(V1) while the watchdog is OFF, the watchdog is restarted with the last used watchdog period time and a watchdog restart interrupt is forced, if enabled. In case of a direct mode change towards Standby mode with watchdog OFF selected, the longest possible watchdog period is used. It should be noted that in Sleep mode V1 current monitoring is not active. Fig 6. Watchdog triggering using Time-out mode mce627 trigger via SPI earliest possible trigger point latest possible trigger point trigger restarts period (with different duration if desired) new period trigger range trigger range time-out time-out period |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |