Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UJA1069 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # UJA1069
Description  LIN fail-safe system basis chip
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1069 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button UJA1069 Datasheet HTML 51Page - NXP Semiconductors UJA1069 Datasheet HTML 52Page - NXP Semiconductors UJA1069 Datasheet HTML 53Page - NXP Semiconductors UJA1069 Datasheet HTML 54Page - NXP Semiconductors UJA1069 Datasheet HTML 55Page - NXP Semiconductors UJA1069 Datasheet HTML 56Page - NXP Semiconductors UJA1069 Datasheet HTML 57Page - NXP Semiconductors UJA1069 Datasheet HTML 58Page - NXP Semiconductors UJA1069 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
UJA1069_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 10 September 2007
55 of 64
NXP Semiconductors
UJA1069
LIN fail-safe system basis chip
tTXDL(dom)(dis)
TXDL permanent dominant
disable time
Active mode; VTXDL =0V
20
-
80
ms
Battery monitoring
tBAT42(L)
BAT42 LOW time for
setting PWONS
5-
20
µs
tSENSE(L)
BAT42 LOW time for
setting BATFI
5-
20
µs
Power supply V1; pin V1
tV1(CLT)
V1 clamped LOW time
during ramp-up of V1
Start-up mode; V1 active
229
-
283
ms
Power supply V3; pin V3
tw(CS)
cyclic sense period
V3C[1:0] = 10; see Figure 13
14
-
18
ms
V3C[1:0] = 11; see Figure 13
28
-
36
ms
ton(CS)
cyclic sense on-time
V3C[1:0] = 10; see Figure 13
345
-
423
µs
V3C[1:0] = 11; see Figure 13
345
-
423
µs
Wake-up input; pin WAKE
tWU(ipf)
input port filter time
VBAT42 = 5 V to 27 V
5
-
120
µs
VBAT42 = 27 V to 52 V
30
-
250
µs
tsu(CS)
cyclic sense sample setup
time
V3C[1:0] = 11 or 10;
see Figure 13
310
-
390
µs
Watchdog
tWD(ETP)
earliest watchdog trigger
point
programmed Nominal
Watchdog Period (NWP);
Normal mode
0.45
× NWP -
0.55
× NWP
tWD(LTP)
latest watchdog trigger
point
programmed nominal
watchdog period; Normal
mode, Standby mode and
Sleep mode
0.9
× NWP -
1.1
× NWP
tWD(init)
watchdog initializing period watchdog time-out in Start-up
mode
229
-
283
ms
Fail-safe mode
tret
retention time
Fail-safe mode; wake-up
detected
1.3
1.5
1.7
s
Reset output; pin RSTN
tRSTN(CHT)
clamped HIGH time,
pin RSTN
RSTN driven LOW internally
but RSTN pin remains HIGH
115
-
141
ms
tRSTN(CLT)
clamped LOW time,
pin RSTN
RSTN driven HIGH internally
but RSTN pin remains LOW
229
-
283
ms
tRSTN(INT)
interrupt monitoring time
INTN = LOW
229
-
283
ms
tRSTNL
reset lengthening time
after internal or external reset
has been released; RLC = 0
0.9
-
1.1
ms
after internal or external reset
has been released; RLC =1
18
-
22
ms
Table 26.
Dynamic characteristics …continued
Tvj = −40 °C to +150 °C; VBAT42 =5.5 V to52V; VBAT14 =5.5 V to27V; VBAT42 ≥ VBAT14 − 1 V; unless otherwise specified. All
voltages are defined with respect to ground. Positive currents flow into the IC.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com