Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC541 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALVC541 Datasheet HTML 1Page - NXP Semiconductors 74ALVC541 Datasheet HTML 2Page - NXP Semiconductors 74ALVC541 Datasheet HTML 3Page - NXP Semiconductors 74ALVC541 Datasheet HTML 4Page - NXP Semiconductors 74ALVC541 Datasheet HTML 5Page - NXP Semiconductors 74ALVC541 Datasheet HTML 6Page - NXP Semiconductors 74ALVC541 Datasheet HTML 7Page - NXP Semiconductors 74ALVC541 Datasheet HTML 8Page - NXP Semiconductors 74ALVC541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
74ALVC541_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 5 November 2007
3 of 15
NXP Semiconductors
74ALVC541
Octal buffer/line driver; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 3.
Pin configuration SO20, TSSOP20
Fig 4.
Pin configuration DHVQFN20
74ALVC541
OE0
VCC
A0
OE1
A1
Y0
A2
Y1
A3
Y2
A4
Y3
A5
Y4
A6
Y5
A7
Y6
GND
Y7
001aah060
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aah061
74ALVC541
Transparent top view
Y6
A6
A7
Y5
A5
Y4
GND(1)
A4
Y3
A3
Y2
A2
Y1
A1
Y0
A0
OE1
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
OE0
1
output enable input (active LOW)
A[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
GND
10
ground (0 V)
Y[0:7]
18, 17, 16, 15, 14, 13, 12, 11 data output
OE1
19
output enable input (active LOW)
VCC
20
supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com