Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC541 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541 Datasheet(HTML) 4 Page - NXP Semiconductors

  74ALVC541 Datasheet HTML 1Page - NXP Semiconductors 74ALVC541 Datasheet HTML 2Page - NXP Semiconductors 74ALVC541 Datasheet HTML 3Page - NXP Semiconductors 74ALVC541 Datasheet HTML 4Page - NXP Semiconductors 74ALVC541 Datasheet HTML 5Page - NXP Semiconductors 74ALVC541 Datasheet HTML 6Page - NXP Semiconductors 74ALVC541 Datasheet HTML 7Page - NXP Semiconductors 74ALVC541 Datasheet HTML 8Page - NXP Semiconductors 74ALVC541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
74ALVC541_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 5 November 2007
4 of 15
NXP Semiconductors
74ALVC541
Octal buffer/line driver; 3-state
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
7.
Limiting values
[1]
The minimum input voltage ratings may be exceeded if the input current ratings are observed.
[2]
The output voltage ratings may be exceeded if the output current ratings are observed.
[3]
When VCC = 0 V (Power-down mode), the output voltage can be 3.6 V in normal operation.
[4]
Ptot derates linearly with 8 mW/K above 70 °C.
[5]
Ptot derates linearly with 5.5 mW/K above 60 °C.
[6]
Ptot derates linearly with 4.5 mW/K above 60 °C.
Table 3.
Functional table[1]
Control
Input
Output
OE0
OE1
An
Yn
LL
L
L
LL
H
H
XH
X
Z
HX
X
Z
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
−0.5
+4.6
V
IIK
input clamping current
VI < 0 V
[1]
−50
-
mA
IOK
output clamping current
VO >VCC or VO <0V
-
±50
mA
VO
output voltage
output HIGH or LOW state
[2]
−0.5
VCC + 0.5 V
output 3-state
[2]
−0.5
+4.6
V
power-down mode, VCC = 0 V
[3]
−0.5
+4.6
V
IO
output current
VO = 0 V to VCC
-
±50
mA
ICC
supply current
-
100
mA
IGND
ground current
−100
-
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +85 °C
SO20 package
[4] -
500
mW
TSSOP20 package
[5] -
500
mW
DHVQFN20 package
[6] -
500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com