Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC541 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541 Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALVC541 Datasheet HTML 1Page - NXP Semiconductors 74ALVC541 Datasheet HTML 2Page - NXP Semiconductors 74ALVC541 Datasheet HTML 3Page - NXP Semiconductors 74ALVC541 Datasheet HTML 4Page - NXP Semiconductors 74ALVC541 Datasheet HTML 5Page - NXP Semiconductors 74ALVC541 Datasheet HTML 6Page - NXP Semiconductors 74ALVC541 Datasheet HTML 7Page - NXP Semiconductors 74ALVC541 Datasheet HTML 8Page - NXP Semiconductors 74ALVC541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
74ALVC541_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 5 November 2007
5 of 15
NXP Semiconductors
74ALVC541
Octal buffer/line driver; 3-state
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
1.65
3.6
V
VI
input voltage
0
3.6
V
VO
output voltage
output HIGH or LOW state
0
VCC
V
output 3-state
0
3.6
V
power-down mode, VCC = 0 V
0
3.6
V
Tamb
ambient temperature
−40
+85
°C
∆t/∆V
input transition rise and fall rate
VCC = 1.65 V to 2.7 V
-
20
ns/V
VCC = 2.7 V to 3.6 V
-
10
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
−40 °C to +85 °C
Unit
Min
Typ[1]
Max
VIH
HIGH-level input voltage
VCC = 1.65 V to 1.95 V
0.65
× VCC
--
V
VCC = 2.3 V to 2.7 V
1.7
-
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35
× VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VOH
HIGH-level output voltage VI = VIH or VIL
IO = 100 µA; VCC = 1.65 V to 3.6 V
VCC − 0.2
-
-
V
IO = 6 mA ; VCC = 1.65 V
1.25
-
-
V
IO = 12 mA; VCC = 2.3 V
1.8
-
-
V
IO = 18 mA; VCC = 2.3 V
1.7
-
-
V
IO = 12 mA; VCC = 2.7 V
2.2
-
-
V
IO = 18 mA; VCC = 3.0 V
2.4
-
-
V
IO = 24 mA; VCC = 3.0 V
2.2
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = −100 µA; VCC = 1.65 V to 3.6 V
-
-
0.2
V
IO = −6 mA ; VCC = 1.65 V
-
-
0.3
V
IO = −12 mA; VCC = 2.3 V
-
-
0.4
V
IO = −18 mA; VCC = 2.3 V
-
-
0.6
V
IO = −12 mA; VCC = 2.7 V
-
-
0.4
V
IO = −18 mA; VCC = 3.0 V
-
-
0.4
V
IO = −24 mA; VCC = 3.0 V
-
-
0.55
V
IOZ
OFF-state output current
VI =VIH or VIL; VO =VCC or GND;
VCC = 3.6 V
-
±0.1
±10.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com