Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVC541 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74ALVC541
Description  Octal buffer/line driver; 3-state
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC541 Datasheet(HTML) 1 Page - NXP Semiconductors

  74ALVC541 Datasheet HTML 1Page - NXP Semiconductors 74ALVC541 Datasheet HTML 2Page - NXP Semiconductors 74ALVC541 Datasheet HTML 3Page - NXP Semiconductors 74ALVC541 Datasheet HTML 4Page - NXP Semiconductors 74ALVC541 Datasheet HTML 5Page - NXP Semiconductors 74ALVC541 Datasheet HTML 6Page - NXP Semiconductors 74ALVC541 Datasheet HTML 7Page - NXP Semiconductors 74ALVC541 Datasheet HTML 8Page - NXP Semiconductors 74ALVC541 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
General description
The 74ALVC541 is an octal non-inverting buffer/line drivers with 3-state bus compatible
outputs. The 3-state outputs are controlled by the output enable inputs OE0 and OE1.
A HIGH on OEn causes the outputs to assume a high-impedance OFF-state.
2.
Features
s Wide supply voltage range from 1.65 V to 3.6 V
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.5 V)
x JESD8B/JESD36 (2.7 V to 3.6 V)
s 3.6 V tolerant inputs/outputs
s CMOS low power consumption
s Direct interface with TTL levels (2.7 V to 3.6 V)
s Power-down mode
s Latch-up performance exceeds 250 mA
s ESD protection:
x HBM JESD22-A114E exceeds 2000 V
x MM JESD22-A115-A exceeds 200 V
3.
Ordering information
74ALVC541
Octal buffer/line driver; 3-state
Rev. 02 — 5 November 2007
Product data sheet
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74ALVC541D
−40 °Cto+85 °C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74ALVC541PW
−40 °Cto+85 °C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74ALVC541BQ
−40 °Cto+85 °C
DHVQFN20
plastic dual-in-line compatible thermal enhanced
very thin quad flat package no leads; 20 terminals;
body 2.5
× 4.5 × 0.85 mm
SOT764-1


Similar Part No. - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC541 PHILIPS-74ALVC541 Datasheet
83Kb / 16P
Octal buffer/line driver; 3-state
2002 Feb 26
logo
Nexperia B.V. All right...
74ALVC541 NEXPERIA-74ALVC541 Datasheet
248Kb / 13P
Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
74ALVC541-Q100 NEXPERIA-74ALVC541-Q100 Datasheet
745Kb / 16P
Octal buffer/line driver 3-state
74ALVC541BQ NEXPERIA-74ALVC541BQ Datasheet
248Kb / 13P
Octal buffer/line driver; 3-state
Rev. 5 - 30 April 2021
74ALVC541BQ-Q100 NEXPERIA-74ALVC541BQ-Q100 Datasheet
745Kb / 16P
Octal buffer/line driver 3-state
More results

Similar Description - 74ALVC541

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com