Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8741 Datasheet(PDF) 43 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 43 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 47Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
43
OVERVIEW OF FUNCTIONS
The WM8741 has many modes of operation, and certain restrictions on what functions are available
in which modes. Table 50 gives an overview of the functions available in hardware and software
control modes across all modes of operation:
SOFTWARE MODE
HARDWARE MODE
FUNCTION
NORMAL
PCM
8FS
MODE
DSD
PLUS
DSD
DIRECT
NORMAL
PCM
DSD
DIRECT
Selectable Digital Filters
5
4
3
44.1kHz Deemphasis
32/48kHz Deemphasis
Adjustable DSP Dither
Differential Mono Mode
Digital Softmute
Analogue Mute
Zero Detect (ZFLAG)
Automute Function
Anti-Clipping Mode
Digital Attenuation
Powerdown Mode
Audio Interface Daisy Chain
3-wire Software Interface
Daisy Chain
Table 50 Comparison of Functions Available across Operating Modes
= function available
= function not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com