Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8741 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
13
MASTER CLOCK TIMING
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Master Clock Timing Information
MCLK Master clock pulse width high
tMCLKH
10
ns
MCLK Master clock pulse width low
tMCLKL
10
ns
MCLK Master clock cycle time
tMCLKY
27
ns
MCLK Duty cycle
40:60
60:40
Table 1 MCLK Timing Requirements
PCM DIGITAL AUDIO INTERFACE TIMINGS
Figure 2 Digital Audio Data Timing
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND = 0V, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Audio Data Input Timing Information
BCLK cycle time
tBCY
40
ns
BCLK pulse width high
tBCH
16
ns
BCLK pulse width low
tBCL
16
ns
LRCLK set-up time to BCLK
rising edge
tLRSU
8
ns
LRCLK hold time from
BCLK rising edge
tLRH
8
ns
DIN set-up time to BCLK
rising edge
tDS
8
ns
DIN hold time from BCLK
rising edge
tDH
8
ns
Table 2 Digital Audio Interface Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com