Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8741 Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8741
Description  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8741 Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8741 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8741 Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
Product Preview
WM8741
w
PP Rev 1.3 October 2007
49
DIGITAL FILTER CHARACTERISTICS
PCM MODE FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low Rate (32/44.1/48kHz) PCM Filter Response 1
Passband
± 0.000057dB
0.454fs
Passband Ripple
0.000057
dB
Stopband
0.546fs
Stopband Attenuation
-111.8
dB
Attenuation at fs/2
-6.02
dB
Group Delay
43
fs
Low Rate (32/44.1/48kHz) PCM Filter Response 2
Passband
± 0.000036 dB
0.408fs
Passband Ripple
0.000036
dB
Stopband
0.522fs
Stopband Attenuation
-111.1
dB
Attenuation at fs/2
Fs/2
-28.07
dB
Group Delay
8
fs
Low Rate (32/44.1/48kHz) PCM Filter Response 3
Passband
± 0.000058 dB
0.454fs
Passband Ripple
0.000058
dB
Stopband
0.546fs
Stopband Attenuation
-110.3
dB
Attenuation at fs/2
Fs/2
-6.43
dB
Group Delay
7
fs
Low Rate (32/44.1/48kHz) PCM Filter Response 4
Passband
± 0.000066 dB
0.417fs
Passband Ripple
0.000066
dB
Stopband
0.500fs
Stopband Attenuation
-110.4
dB
Attenuation at fs/2
Fs/2
-116.19
dB
Group Delay
47
fs
Low Rate (32/44.1/48kHz) PCM Filter Response 5
Passband
± 0.000041 dB
0.417fs
Passband Ripple
0.000041
dB
Stopband
0.500fs
Stopband Attenuation
-111.8
dB
Attenuation at fs/2
Fs/2
-112.45
dB
Group Delay
8
fs
Table 61 Low Rate PCM Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com