Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUSX Datasheet(PDF) 106 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 106 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 100Page - STMicroelectronics ST7LITEUSX Datasheet HTML 101Page - STMicroelectronics ST7LITEUSX Datasheet HTML 102Page - STMicroelectronics ST7LITEUSX Datasheet HTML 103Page - STMicroelectronics ST7LITEUSX Datasheet HTML 104Page - STMicroelectronics ST7LITEUSX Datasheet HTML 105Page - STMicroelectronics ST7LITEUSX Datasheet HTML 106Page - STMicroelectronics ST7LITEUSX Datasheet HTML 107Page - STMicroelectronics ST7LITEUSX Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
ST7LITEUSx
106/108
16 REVISION HISTORY
Date
Revision
Main changes
06-Feb-06
1
Initial release
18-Apr-06
2
Removed references to 3% RC
Added note below Figure 4 on page 6
Modified presentation of section 4.3.1 on page 11
Added notes to section 6.1 on page 17 (above Figure 9), replaced 8-bit calibration value
to 10-bit calibration value and changed application note reference (AN2326 instead of
AN1324)
Modifed Table 5, “Clock Register Map and Reset Values,” on page 20 and added bit 1
in the description of CKCNTCSR register
Modified Figure 10 on page 21 (added CKCNTCSR register)
Added note 2 to EICRx description on page 27
Modified caution in section 7.2 on page 25
Replaced VIT+(LVD) by VIT+(LVD) in section 7.4.2.1 on page 29
Modified LVDRF bit description in section 7.4.4 on page 31
Replaced “oscillator” by “main oscillator” in the second paragraph of section 8.4.2 on
page 36
Added note 1 to Figure 23 on page 36 and added note 5 to Figure 24 on page 36
Modified section 8.5 on page 37
Replaced bit 1 by bit 2 for AWUF bit in section 8.5.1 on page 40
Modified section 9.1 on page 41
Modified section 9.2.1.1 on page 41
Updated section 9.5 on page 45
Modified section 12.3.2 on page 70
Modified section 12.3.3 on page 70
Modified section 12.3.4 on page 71
Modified section 12.3.5 on page 71
Modified section 12.4.1 on page 73
Modified section 12.4.2 on page 75
Modified section 12.5.2 on page 76
Modified section 12.8.1 on page 81
Modified section 12.8.2 on page 82
Modified section 12.9.1 on page 86
Modified section 12.10 on page 88
Added Figure 48 on page 82
Modified Figure 62 on page 87
Removed EMC protection circuitry in Figure 63 on page 87 (device works correctly with-
out these components)
Added ECOPACK text in section 13 on page 91
Modified first paragraph in section 13.2 on page 94
Modified Table 24 on page 97
Modified conditioning option in option list on page 99
Modified “DEVELOPMENT TOOLS” on page 100
Added section 14.4 on page 101
Added “KNOWN LIMITATIONS” on page 104
Added erratasheet at the end of the document
Revision History continued overleaf ...
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com