Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7LITEUSX Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST7LITEUSX
Description  8-bit MCU with single voltage Flash memory, ADC, timers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITEUSX Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST7LITEUSX Datasheet HTML 100Page - STMicroelectronics ST7LITEUSX Datasheet HTML 101Page - STMicroelectronics ST7LITEUSX Datasheet HTML 102Page - STMicroelectronics ST7LITEUSX Datasheet HTML 103Page - STMicroelectronics ST7LITEUSX Datasheet HTML 104Page - STMicroelectronics ST7LITEUSX Datasheet HTML 105Page - STMicroelectronics ST7LITEUSX Datasheet HTML 106Page - STMicroelectronics ST7LITEUSX Datasheet HTML 107Page - STMicroelectronics ST7LITEUSX Datasheet HTML 108Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
ST7LITEUSx
107/108
18-Sep-06
3
Modified description of AVD[1:0] bits in the AVDTRH register in section 7.4.4 on page 31
Modified description of CNTR[11:0] bits in section 10.2.6 on page 54
Modified values in section 12.2.2 on page 68
LVD and AVD tables updated, Section 12.3.2, Section 12.3.3 and section 12.3.4 on
page 71
Internal RC oscillator data modified in Section 12.3.5.1 and new table added section
12.3.5.2 on page 72
Typical data in section 12.4.2 on page 75 (on chip peripherals) modified
EMC characteristics updated, section 12.7 on page 78
RPU data corrected in section 12.8.1 on page 81 including additional notes
Output driving current table updated, section 12.8.2 on page 82
RON data corrected in section 12.9.1 on page 86
Modified ADC accuracy tables in Section 12.10 on page 89
“KNOWN LIMITATIONS” on page 104 updated
Errata sheet removed from document
Notes modified for Low Voltage Detector section 7.4.1 on page 28
Notes updated in section 4.4 on page 12 (ICC Interface)
Thermal characteristics table updated, Table 21 on page 93
Modified option list on page 99
Modified “DEVELOPMENT TOOLS” on page 100
Modified text in section 15.2 on page 104
26-Jan-07
4
Added -40°C to 125°C temperature range
Added caution to section 6.3.1 on page 22
Modified note on ei4 in Table 7, “Interrupt Mapping,” on page 26
Added note 3 to “EXTERNAL INTERRUPT CONTROL REGISTER 2 (EICR2)” on
page 27
Added a note to LVDRF in section 7.4.4 on page 31
Added Figure 41 on page 72 and Figure 40 on page 72
Modified section 12.3.2 on page 70 and section 12.3.3 on page 70
Modified section 12.3.5 on page 71
Updated section 12.4.1 on page 73
Updated section 12.8.2 on page 82
Modified RAIN and ADC accuracy tables in section 12.10 on page 88
Modified Table 25 on page 100
Modified Table 24 on page 97
Modified option list on page 99
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com