Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 39 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 35Page - Texas Instruments DAC5682Z Datasheet HTML 36Page - Texas Instruments DAC5682Z Datasheet HTML 37Page - Texas Instruments DAC5682Z Datasheet HTML 38Page - Texas Instruments DAC5682Z Datasheet HTML 39Page - Texas Instruments DAC5682Z Datasheet HTML 40Page - Texas Instruments DAC5682Z Datasheet HTML 41Page - Texas Instruments DAC5682Z Datasheet HTML 42Page - Texas Instruments DAC5682Z Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
www.ti.com
DCLKP
D0P
D0N
D15P
D15N
DCLKN
4
LVDS
LVDS
FPGA
DAC
500MHz
(½ Rate)
1000MSPS DDR
(2 bits/CLKIN cycle)
1000MHz
250MHz
DCLK
Delay Lock Loop
LVDS
4b SERDES
(bit 0)
4
4b SERDES
(CLKOUT)
x4
4b SERDES
(bit 15)
1,0,1,0...
SYNCP
SYNCN
LVDS
4b SERDES
(SYNC)
Ref CLK
Gen &
Sync
250MHz
÷1
System
SYNC
SYNC
4x Clock
Multiplier PLL
4
4
16
16
16
16
D15P/N
SERDES
S2[15]
S3[15]
S4[15]
S1[0]
S2[0]
S3[0]
S4[0]
Sample “S1”
Sample “S2”
Sample “S3”
Sample “S4”
S1[15]
S1[15:0]
S2[15:0]
S3[15:0]
S4[15:0]
250 MHz (FPGA)
1000 MHz (FPGA)
CLKB
(500MHz)
To DAC
250MHz
Clock
DCLKP/N
1
0
1
0
1
0
1
0
500 MHz
CLKB (DAC)
1
0
1
0
Bit 15 Data Nibble
Bit 0 Data Nibble
Repeating 4 bit
Sequence “1010” …
Normally = “1111”
Ocassional = “1101”
for SYNC event
DDR Clock Gen
SYNC Generator
0
1
1
1
1
1
1
1
Using common “data driven”
SERDES blocks, relative
delays from CLK, SYNC and
DATA are matched. (200pS)
DCLK Data Nibble
SYNC Data Nibble
500 MHz
CLKA (DAC)
CLKA
(500MHz)
DLL Phase Offset control
determines CLKA/B skew.
D0P/N
SERDES
SYNCP/N
SERDES
CLKA F
CLKB F
500 MHz
CLKIN to DLL
SYNC input combines TXENABLE
function (normally “1”) and SYNChronizer
function (“0” to “1” transition)
LVDS Inputs (D[15:0]P/N and SYNCP/N)
D[15:0]P,
SYNCP
D[15:0]N,
SYNCN
LVDS
Receiver
100 pF
Total
To Adjacent
LVDS Input
To Adjacent
LVDS Input
Ref Note (1)
Note (1): RCENTER node common
to all D[15:0]P/N and SYNCP/N
receiver inputs
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
Figure 39. Example FPGA-Based LVDS Data Flow to DAC
Figure 40. D[15:0]P/N and SYNCP/N LVDS Input Configuration
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com