Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 9Page - Texas Instruments DAC5682Z Datasheet HTML 10Page - Texas Instruments DAC5682Z Datasheet HTML 11Page - Texas Instruments DAC5682Z Datasheet HTML 12Page - Texas Instruments DAC5682Z Datasheet HTML 13Page - Texas Instruments DAC5682Z Datasheet HTML 14Page - Texas Instruments DAC5682Z Datasheet HTML 15Page - Texas Instruments DAC5682Z Datasheet HTML 16Page - Texas Instruments DAC5682Z Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
www.ti.com
60
65
70
75
80
85
90
95
0
10
20
30
40
50
F
=250MSPS,
x4Interpolation,
PLL Off
data
0dBFS
-6dBFS
-12dBFS
IF-IntermediateFrequency-MHz
f-Frequency-MHz
0
50
100 150 200 250 300 350 400 450 500
-80
-70
-60
-50
-40
-30
-20
-10
0
10
F
=250MSPS,
F
=-80MHzComplex,
(-80+250=170)
I =170MHz,CMIX,F /4
x4Interpolation
PLL Off
data
IN
F
S
50
55
60
65
70
75
80
85
90
0
40
80
120
160
200
240
280
320
IF-IntermediateFrequency-MHz
F
=250MSPS,
x4Interpolation,
PLL Off
data
40
65
70
75
80
85
90
0
50
100 150 200 250 300
450 500
IF-IntermediateFrequency-MHz
350 400
60
55
50
45
F
=250MSPS,
x4Interpolation,
PLL Off
data
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Figure 5. Single-Tone Spectral Plot
Figure 6. In-Band SFDR vs IF
Figure 7. Out-Of-Band SFDR vs IF
Figure 8. Two Tone IMD vs Output Frequency
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com