Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 3 Page - Texas Instruments

  DAC5682Z Datasheet HTML 1Page - Texas Instruments DAC5682Z Datasheet HTML 2Page - Texas Instruments DAC5682Z Datasheet HTML 3Page - Texas Instruments DAC5682Z Datasheet HTML 4Page - Texas Instruments DAC5682Z Datasheet HTML 5Page - Texas Instruments DAC5682Z Datasheet HTML 6Page - Texas Instruments DAC5682Z Datasheet HTML 7Page - Texas Instruments DAC5682Z Datasheet HTML 8Page - Texas Instruments DAC5682Z Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
www.ti.com
45
42
DAC5682Z
GND
CLKINC
D4P
D4N
D3P
D3N
D2P
D2N
DVDD
D1P
D1N
D0P
D0N
VFUSE
SDO
SDIO
SCLK
SDENB
D12N
D12P
D13N
D13P
D14N
D14P
DVDD
D15N
D15P
IOVDD
SYNCN
SYNCP
CLKIN
CLKVDD
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
47
46
44
43
41
40
39
38
37
36
35
34
33
48
1
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
DAC5682Z
RGC PACKAGE
(TOP VIEW)
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
51, 54, 55,
Analog supply voltage. (3.3V)
AVDD
I
59, 62
BIASJ
57
O
Full-scale output current bias. For full-scale output current, connect a 960
Ω resistor to GND.
Positive external clock input with a self-bias of approximately CLKVDD/2. With the clock multiplier PLL
CLKIN
2
I
enabled, CLKIN provides lower frequency reference clock. If the PLL is disabled, CLKIN directly provides
clock for DAC up to 1GHz.
CLKINC
3
I
Complementary external clock input. (See the CLKIN description)
CLKVDD
1
I
Internal clock buffer supply voltage. (1.8 V)
LVDS positive input data bits 0 through 15. Each positive/negative LVDS pair has an internal 100
Ω
7, 11, 13,
termination resistor. Order of bus can be reversed via rev_bus bit in CONFIG5 register. Data format relative
15, 17, 19,
to DCLKP/N clock is Double Data Rate (DDR) with two data samples input per DCLKP/N clock. In
21, 23, 27,
D[15..0]P
I
dual-channel mode, data for the A-channel is input while DCLKP is high.
29, 31, 33,
35, 37, 40,
D15P is most significant data bit (MSB) – pin 7
42
D0P is least significant data bit (LSB) – pin 42
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com