Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5682Z Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # DAC5682Z
Description  16-BIT, 1.0 GSPS 2x-4x INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER (DAC)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC5682Z Datasheet(HTML) 17 Page - Texas Instruments

Back Button DAC5682Z Datasheet HTML 13Page - Texas Instruments DAC5682Z Datasheet HTML 14Page - Texas Instruments DAC5682Z Datasheet HTML 15Page - Texas Instruments DAC5682Z Datasheet HTML 16Page - Texas Instruments DAC5682Z Datasheet HTML 17Page - Texas Instruments DAC5682Z Datasheet HTML 18Page - Texas Instruments DAC5682Z Datasheet HTML 19Page - Texas Instruments DAC5682Z Datasheet HTML 20Page - Texas Instruments DAC5682Z Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
www.ti.com
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170 175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-15.85dBm,
ACLR(5MHz):69.66dB,
ACLR(10MHz):70.65dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL Off
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170 175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-15.85dBm,
ACLR(5MHz):65.85dB,
ACLR(10MHz):69.60dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL On
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170
175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-15.20dBm,
ACLR(5MHz):71.18dB,
ACLR(10MHz):72.26dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL Off
data
F
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
160 165 170
175 180 185 190 195 200 205 210
f-Frequency-MHz
CarrierPower:-15.20dBm,
ACLR(5MHz):66.53dB,
ACLR(10MHz):69.68dB,
F
=491.52MSPS,
I =184.32MHz,
x2Interpolation
PLL On
data
F
TEST METHODOLOGY
DAC5682Z
SLLS853A – AUGUST 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
Figure 21. Four Carrier W-CDMA Test Model 1
Figure 22. Four Carrier W-CDMA Test Model 1
Figure 23. Three Carrier W-CDMA Test Model 1 with Gap
Figure 24. Three Carrier W-CDMA Test Model 1 with Gap
Typical AC specifications were characterized with the DAC5682ZEVM using the test configuration shown in
Figure 25. A sinusoidal master clock frequency is generated by an HP8665B signal generator and into a splitter.
One output drives an Agilent 8133A pulse generator, and the other drives the CDCM7005 clock driver. The
8133A converts the sinusoidal frequency into a square wave output clock and drives an Agilent ParBERT
81250A pattern-generator clock. On the EVM, the DAC5682Z CLKIN/C input clock is driven by an CDCM7005
clock distribution chip that is configured to simply buffer the external 8665B clock or divide it down for PLL test
configurations.
The DAC5682Z output is characterized with a Rohde and Schwarz FSU spectrum analyzer. For WCDMA signal
characterization, it is important to use a spectrum analyzer with high IP3 and noise subtraction capability so that
the spectrum analyzer does not limit the ACPR measurement. For all specifications, both DACA and DACB are
measured and the lowest value used as the specification.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): DAC5682Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com