Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5819AF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5819AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —5
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
DC Electrical Characteristics
VDDH = 3.0 to 3.6V, VDDL = 2.3 to 2.7V, VSS = 0V, TOPR = – 40 to 85°C unless otherwise noted.
Pin summary
Parameter
Symbol
Rating
Unit
Supply voltage 1
VDDH
– 0.3 to 4.0
V
Supply voltage 2
VDDL
– 0.3 to 3.0
V
Input voltage (3.3V)
VIN
– 0.3 to VDDH + 0.5
V
Power dissipation
PD
200
mW
Storage temperature range
TSTG
– 55 to 125
°C
Parameter
Symbol
Rating
Unit
Supply voltage 1
VDDH
3.0 to 3.6
V
Supply voltage 2
VDDL
2.3 to 2.7
V
Operating temperature
TOPR
– 40 to 85
°C
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption 1
VDDH
IDDH
All pins no load
––5
mA
Current consumption 2
VDDL
IDDL
––
30
mA
Input voltage
“H" level
(*1)
VIH
VDDH = 3.6V
2.0
–
–
V
“L" level
(*1)
VIL
VDDH = 3.0V
–
–
0.8
V
Schmitt-trigger voltage
Positive
(*2)
VT+
1.1
–
2.4
V
Negative
(*2)
VT–
0.6
–
1.8
V
Hysteresis voltage
(*2)
VH
0.1
–
–
V
Output voltage
"H" level
(*3)
VOH
IOH = – 2mA (Type1)
IOH = – 6mA (Type2)
IOH = – 12mA (Type3)
VDDH – 0.4
–
–
V
"L" level
(*3)
VOL
IOL = 2mA (Type1)
IOL = 6mA (Type2)
IOL = 12mA (Type3)
–
–
0.4
V
Input leakage current
(*1, 2)
ILI
– 5
–
5
µA
Pull-down resistor
(*4)
RPD
VI = VDDH
60
120
288
k
Ω
Pull-up resistor
(*5)
RPU
VI = VSS
60
120
288
k
Ω
(*1)
Input pins and bidirectional (input/output) pins in input mode
(*2)
Inputs with Schmitt characteristic and bidirectional (input/output) pins in input mode
(*3)
Output pins and bidirectional (input/output) pins in output mode
Type 3: MCKOUT
Type 2: DSBCK, PBCK, PLRCK
Type 1: Outputs excluding those above
(*4)
Inputs with pull-down resistor
(*5)
Inputs with pull-up resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com