Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5819AF Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5819AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —8
PCM output
I
PLRCK, PBCK, POFLR, POSLR, POCSW pins
Note. The PCM output relationship applies when the external inputs (EXI**) are not in through mode.
Note. fs/2fs/4fs bit clock and word clock relationship applies when PBCK and PLRCK are in input mode.
Parameter
Symbol
Rating
Unit
min
typ
max
BCK clock pulsewidth
4fs
tPBCW
40
44.29
–
ns
2fs
40
88.58
–
ns
fs
40
177.15
–
ns
BCK clock pulse cycle
4fs
tPBCY
80
88.58 (1/256fs)
–
ns
2fs
80
177.15 (1/128fs)
–
ns
fs
80
354.31 (1/64fs)
–
ns
Word CK setup time
tPLBS
30
–
–
ns
Word CK hold time
tPLBH
10
–
–
ns
Bit CK data delay time
tPBDLY
0
–
15
ns
Word CK data delay time
tPLDLY
0
–
15
ns
PO**: POFLR, POSLR, POCSW pins
tPBCW
PBCK
tPBCW
tPBCY
PLRCK
tPLBH
tPLBS
tPLDLY
tPBDLY
PO**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com