Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5819AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5819AF
Description  6-channel DSD-PCM Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5819AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5819AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5819AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SM5819AF
SEIKO NPC CORPORATION —1
6-channel DSD-PCM Converter
OVERVIEW
The SM5819AF is a 6-channel DSD data (64fs) to 4fs, 2fs or fs PCM data converter. During conversion, deci-
mation filtering is performed using a filter with selectable fixed coefficients (3 sets). Also, DSD inputs and
PCM outputs are available for use in master/slave clock mode operation, in a wide range of system configura-
tions, making it easy to construct a multi-channel DSD/PCM reproduction system.
FEATURES
I
512fs (22.5792MHz, fs = 44.1kHz), 1:2 to 2:1
duty master clock
I
DSD input and PCM output clock master/slave
switching
I
3-system external data input (3-wire format),
PCM output data/BCK/LRCK external input and
internal filter output switching
(BCK and LRCK are common to all 3 external
PCM data inputs)
I
Decimation filter coefficients
• Fixed coefficients: 4fs-1/2fs-1/fs-1
I
PCM output mute operation
I
PCM output format: [MSB-first left-justified 32-
bit] or [IIS 32-bit]
(IIS 32-bit output bit clock frequency = 64
× word
clock frequency)
I
FIR filter coefficients
• 64fs
→ 4fs/2fs/fs: 480th-order (6-channel)
• ROM coefficients: 24 valid data bits (4-bit MSB
extension at 4fs, 5-bit MSB extension at 2fs/fs)
I
+ 6dB DSD gain switching function
I
External/Internal system clock output switching
I
3.3V (3.0 to 3.6V) and 2.5V (2.3 to 2.7V) power
supplies
I
− 40 to 85°C operating temperature range
I
48-pin QFP package
APPLICATIONS
I
Multi-channel SA-CD players
I
SA-CD-compatible AV amplifiers
ORDERING INFORMATION
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Device
Package
SM5819AF
48 -pin QFP
13
14
15
16
17
18
19
20
21
22
23
24
37
38
39
40
41
42
43
44
45
46
47
48
VDDL
DIRPCK
FMTPCM
VSS
MCKOUT
VDDH
PBCK
PLRCK
POSLR
POCSW
POFLR
VSS
VDDL
DSBCK
DSIFL
DSIFR
DSICT
DSISW
DSISL
DSISR
DIRDSCK
SYNC
INIT
VSS
9 ± 0.4
7 ± 0.1
0.125 − 0.025
+ 0.075
0.5
0 ~ 10
0.18
− 0.05
+ 0.09
0.08


Similar Part No. - SM5819AF

ManufacturerPart #DatasheetDescription
logo
Bytes
SM5819A BYTES-SM5819A Datasheet
152Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SM5819A UNIOHM-SM5819A Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SM5819A GWSEMI-SM5819A Datasheet
64Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM5819AF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD9611 NEC-UPD9611 Datasheet
161Kb / 28P
FOUR-CHANNEL PCM CODEC
logo
Burr-Brown (TI)
DSD1700 BURR-BROWN-DSD1700 Datasheet
104Kb / 8P
Direct Stream Digital??DSD??TM Audio DIGITAL-TO-ANALOG CONVERTER
logo
Nippon Precision Circui...
SM5866AS NPC-SM5866AS Datasheet
586Kb / 23P
D/A Converter for DSD and PCM
SM5816AF NPC-SM5816AF Datasheet
72Kb / 4P
6-channel DSD-PCM Converter
SM5819HQF NPC-SM5819HQF Datasheet
199Kb / 18P
6-channel DSD-PCM Converter
SM5816AF NPC-SM5816AF_06 Datasheet
303Kb / 27P
6-channel DSD-PCM Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
8-channel DSD Editing System Signal Processor LSI
logo
JDS Uniphase Corporatio...
PCM-40 JDSU-PCM-40 Datasheet
657Kb / 6P
PCS-40 PCM Channel Selector
logo
Asahi Kasei Microsystem...
AK4137 AKM-AK4137 Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
AK4137EQ AKM-AK4137EQ Datasheet
1Mb / 65P
32bit SRC with PCM/DSD conversion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com