Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5956AF Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5956AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —5
ABSOLUTE MAXIMUM RATINGS
VSS = 0V, VDD pins = VDD
Note. Ratings also apply when power is turned ON/OFF.
RECOMMENDED OPERATING CONDITIONS
VSS = 0V, VDD pins = VDD
Parameter
Symbol
Rating
Unit
Supply voltage
VDD
−0.3 to 4.6
V
Input voltage
VI
−0.3 to 5.5
V
Output voltage
VO
−0.3 to VDD + 0.3
V
Storage temperature
TSTG
−55 to 125
°C
Power dissipation
PW
700
mW
Parameter
Symbol
Rating
Unit
min
typ
max
Supply voltage
VDD
3.0
3.3
3.6
V
Operating temperature
TOPR
−40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com