Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5956AF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —6
ELECTRICAL CHARACTERISTICS
DC Characteristics
VSS = 0V, VDD = 3.0 to 3.6V, Ta = −40 to 85°C
(*A) All outputs no load, system clock frequency FSCK = 24.576MHz, input word clock frequency FLRCI = 48kHz, SCKSLN = L (512fso), supply voltage
VDD = 3.3V
(*B) All outputs no load, system clock frequency FSCK = 36.864MHz, input word clock frequency FLRCI = 48kHz, SCKSLN = H (768fso), supply voltage
VDD = 3.3V
Note. See “Pin Classification” below for description of pins.
Pin classification
Note. The input and input/output pins are all 5V tolerant. The maximum input voltage that can be applied to these pins are 5.5V, if supply voltage is within
the recommended operating voltage. If the input voltage is between 5.5V and VDD which is smaller than the recommended operating voltage, the
device doesn’t breakdown itself, but it maybe generate reverse current from the input pins to the supply voltage (VDD). Although input/output pins in
input mode can accept 5.5V as the maximum input voltage, the maximum output voltage in output mode is VDD level. It is forbidden to add more
voltage than VDD to output mode bidirectional pins (external pull-up or other means).
Parameter
Pin
Symbol
Condition
Rating
Unit
min
typ
max
Current consumption
VDD
IDD
(*A)
−
75
90
mA
(*B)
−
100
125
Input voltage
(*1)(*2)
(*3)(*5)
VIH
2.0
−
5.5
V
VIL
0
−
0.7
V
BCKO, LRCO only
0
−
0.4
V
Output voltage
(*4)(*5)
VOH
IOH = −2.0mA
2.4
−
VDD
V
VOL
IOL = 2.0mA
0
−
0.4
V
Input leakage current
(*1)(*2)
(*5)
ILH
VIN = VDD
−1.0
−
1.0
µA
ILL
VIN = 0V
−1.0
−
1.0
µA
Input current
(*3)
IIH
VIN = VDD
12.5
33.0
90.0
µA
IIL
VIN = 0V
−1.0
−
1.0
µA
Pull-down resistance
(*3)
RPD
40
100
240
k
Ω
Input load capacity
(*1)(*2)
(*3)(*5)
CLDI
−
10
−
pF
Symbol
Type
Names
(*1)
Inputs
SCK, IMOD0, IMOD1, IWL0, IWL1, DEEMN, FS0, FS1, OMOD0, OMOD1, OWL0, OWL1
(*2)
Schmitt inputs
LRCI, BCKI, DIA, DIB, DIC, MCK, MDT, MLE
(*3)
Pull-down inputs
TEST0, TEST1, TEST2, TEST3, TEST4, DMUTEN, THROUN, SLAVEN, OEDITON, RSTN, SELFN,
SCKSLN
(*4)
Outputs
DOA, DOB, DOC, DITO, ERROR
(*5)
Input/Outputs
BCKO, LRCO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com