Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5956AF Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —10
Serial outputs (SLAVEN = H: LRCO, BCKO, DO* outputs)
Note. tCY = output-system clock (SCK input) cycle time
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
LRCO cycle time
tLOCY
SCKSLN = L
−
512
−
tCY
SCKSLN = H
−
768
−
LRCO HIGH-level pulsewidth
tLOCWH
SCKSLN = L
−
256
−
tCY
SCKSLN = H
−
384
−
LRCO LOW-level pulsewidth
tLOCWL
SCKSLN = L
−
256
−
tCY
SCKSLN = H
−
384
−
BCKO pulse cycle time
tBOCY
SCKSLN = L
−
8
−
tCY
SCKSLN = H
−
16
−
BCKO HIGH-level pulsewidth
tBOCWH
SCKSLN = L
−
4
−
tCY
SCKSLN = H
−
8
−
BCKO LOW-level pulsewidth
tBOCWL
SCKSLN = L
−
4
−
tCY
SCKSLN = H
−
8
−
BCKO output delay
tBODL
CL = 15pF
−−
30
ns
LRCO output delay
tLODL
CL = 15pF
−−
30
ns
DO* output delay
tDODL
CL = 15pF
−−
30
ns
Note. DO*: DOA, DOB, DOC pins
BCKO
tBODL
LRCO
VOH
0.5VDD
VOL
VOH
0.5VDD
VOL
DO*
VOH
0.5VDD
VOL
tBOCWH
tBOCWL
tBOCY
SCK
VIH
0.5VDD
VIL
tBODL
tLODL
tDODL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com