Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5956AF Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5956AF
Description  6-channel Asynchronous Sample Rate Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5956AF Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5956AF Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5956AF Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
SM5956A
SEIKO NPC CORPORATION —1
6-channel Asynchronous Sample Rate Converter
OVERVIEW
The SM5956A is a digital audio signal, asynchronous sample rate converter LSI. It reads 6-channel 16/20/24-
bit word length input data, and 16/20/24-bit word length output data. It also features a built-in digital deempha-
sis filter, direct muting and digital audio interface output.
FEATURES
Functions
I
L/R 6-channel processing
(2-channel stereo, 3-system processing)
I
Input sample rate range: 10kHz to 200kHz
I
Output sample rate range: 30kHz to 50kHz
I
Operating sample rate conversion ratio (fso/fsi)*1
• 0.45 to 4.41 (SCKSLN = L, 512fso operation)
• 0.225 to 4.41 (SCKSLN = H, 768fso operation)
*1: fsi = input sample rate
fso = output sample rate
I
Asynchronous input timing and output timing
clock inputs
I
System clock input
• Input system clock: 1fsi (LRCI)
• Output-system clock: 512fso/768fso
(input on SCK)
I
Deemphasis filter function
• IIR filter structure
• 44.1kHz, 48kHz, 32kHz input sample rate fsi
compatible
I
Direct mute function
I
Through mode
• Input data passed directly to the outputs
I
Digital audio interface output
• DIA input data undergoes sample rate conver-
sion and is output biphase mark encoded
I
Output data clocks (LRCO, BCKO)
• LRCO rate: 1fso
• BCKO rate: 64fso (SCKSLN = L, 512fso operation)
48fso (SCKSLN = H, 768fso operation)
• Slave mode: Data is output at a rate dictated by
an externally input signal
• Master mode: Sample rate is generated internally
from the output-system clock, and
supplied as an output
I
MCU interface
• 3-wire serial interface
I
5V tolerant inputs for direct connection to 5V
devices
I
3.3V single supply
I
Package: 48-pin QFP
PINOUT
(Top view)
PACKAGE DIMENSIONS
(Unit: mm)
Note. Dimensions without tolerance are reference values.
ORDERING INFORMATION
Device
Package
SM5956AF
48-pin QFP
13
14
15
16
17
18
19
20
21
22
23
24
37
38
39
40
41
42
43
44
45
46
47
48
VDD
DEEMN
FS0
FS1
MCK
MDT
MLE
DMUTEN
THROUN
SLAVEN
OEDITON
VSS
VDD
TEST0
TEST1
TEST2
TEST3
SCK
VSS
SCKSLN
ERROR
RSTN
SELFN
VSS
9 ± 0.4
7 ± 0.1
0.125 − 0.025
+ 0.075
0.5
0 ~ 10
0.18
− 0.05
+ 0.09
0.08


Similar Part No. - SM5956AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
SM5951A NPC-SM5951A Datasheet
183Kb / 24P
8-channel DSD Editing System Signal Processor LSI
SM5951AF NPC-SM5951AF Datasheet
183Kb / 24P
8-channel DSD Editing System Signal Processor LSI
logo
SyncMOS Technologies,In...
SM5952E SYNCMOS-SM5952E Datasheet
799Kb / 53P
256 bytes SRAM as standard 8052
More results

Similar Description - SM5956AF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
Asynchronous Sample Rate Converter
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com