Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT11 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11 Datasheet(HTML) 3 Page - Texas Instruments

  SN74ACT11 Datasheet HTML 1Page - Texas Instruments SN74ACT11 Datasheet HTML 2Page - Texas Instruments SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
4 Pin Configuration and Functions
Thermal
Pad
2
3
4
5
6
9
10
11
12
13
Not to scale
Figure 4-1. SN74ACT11-Q1 BQB Package (Transparent Top View)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
1A
1
I
Channel 1, Input A
1B
2
I
Channel 1, Input B
2A
3
I
Channel 2, Input A
2B
4
I
Channel 2, Input B
2C
5
I
Channel 2, Input C
2Y
6
O
Channel 2, Output Y
GND
7
G
Ground
3Y
8
O
Channel 3, Output Y
3C
9
I
Channel 3, Input A
3B
10
I
Channel 3, Input B
3A
11
I
Channel 3, Input C
1Y
12
O
Channel 1, Output Y
1C
13
I
Channel 1, Input C
VCC
14
P
Positive Supply
Thermal pad(2)
—
The thermal pad can be connected to GND or left floating. Do not connect to any other
signal or supply
(1)
I = input, O = output, P = power, G = ground
(2)
BQA Package only
www.ti.com
SN74ACT11-Q1
SCASE76 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com