Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT11 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments SN74ACT11 Datasheet HTML 10Page - Texas Instruments SN74ACT11 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7 Detailed Description
7.1 Overview
This device contains three independent 3-input AND gates. Each gate performs the Boolean function Y = A ● B
● C in positive logic.
7.2 Functional Block Diagram
xA
xC
xY
xB
7.3 Feature Description
7.3.1 Balanced CMOS Push-Pull Outputs
This device includes balanced CMOS push-pull outputs. The term balanced indicates that the device can sink
and source similar currents. The drive capability of this device may create fast edges into light loads, so routing
and load conditions should be considered to prevent ringing. Additionally, the outputs of this device are capable
of driving larger currents than the device can sustain without being damaged. It is important to limit the output
power of the device to avoid damage due to overcurrent. The electrical and thermal limits defined in the Absolute
Maximum Ratings must be followed at all times.
Unused push-pull CMOS outputs must be left disconnected.
7.3.2 TTL-Compatible CMOS Inputs
This device includes TTL-compatible CMOS inputs. These inputs are specifically designed to interface with TTL
logic devices by having a reduced input voltage threshold.
TTL-compatible CMOS inputs are high impedance and are typically modeled as a resistor in parallel with
the input capacitance given in the Electrical Characteristics. The worst case resistance is calculated with the
maximum input voltage, given in the Absolute Maximum Ratings, and the maximum input leakage current, given
in the Electrical Characteristics, using Ohm's law (R = V ÷ I).
TTL-compatible CMOS inputs require that input signals transition between valid logic states quickly, as defined
by the input transition time or rate in the Recommended Operating Conditions table. Failing to meet this
specification will result in excessive power consumption and could cause oscillations. More details can be found
in the Implications of Slow or Floating CMOS Inputs application report.
Do not leave TTL-compatible CMOS inputs floating at any time during operation. Unused inputs must be
terminated at VCC or GND. If a system will not be actively driving an input at all times, a pull-up or pull-down
resistor can be added to provide a valid input voltage during these times. The resistor value will depend on
multiple factors; however, a 10kΩ resistor is recommended and typically will meet all requirements.
7.3.3 Wettable Flanks
This device includes wettable flanks for at least one package. See the Features section on the front page of the
data sheet where packages include this feature.
www.ti.com
SN74ACT11-Q1
SCASE76 – FEBRUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com