Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT11 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments SN74ACT11 Datasheet HTML 10Page - Texas Instruments SN74ACT11 Datasheet HTML 11Page - Texas Instruments SN74ACT11 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Package
We able Flank Lead
PCB
Pad
Standard Lead
Package
Solder
Figure 7-1. Simplified Cutaway View of Wettable-Flank QFN Package and Standard QFN Package After
Soldering
Wettable flanks help improve side wetting after soldering, which makes QFN packages easier to inspect with
automatic optical inspection (AOI). As shown in Figure 7-1, a wettable flank can be dimpled or step-cut to
provide additional surface area for solder adhesion which assists in reliably creating a side fillet. See the
mechanical drawing for additional details.
7.3.4 Clamp Diode Structure
As shown in Figure 7-2, the inputs and outputs to this device have both positive and negative clamping diodes.
CAUTION
Voltages beyond the values specified in the Absolute Maximum Ratings table can cause damage
to the device. The input and output voltage ratings may be exceeded if the input and output clamp-
current ratings are observed.
GND
Logic
Input
Output
VCC
Device
-IIK
+IIK
+IOK
-IOK
Figure 7-2. Electrical Placement of Clamping Diodes for Each Input and Output
7.4 Device Functional Modes
Table 7-1. Function Table (Each Gate)
INPUTS
OUTPUT
A
B
C
Y
H
H
H
H
L
X
X
L
X
L
X
L
X
X
L
L
SN74ACT11-Q1
SCASE76 – FEBRUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com