Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT11 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ACT11
Description  SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT11 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ACT11 Datasheet HTML 1Page - Texas Instruments SN74ACT11 Datasheet HTML 2Page - Texas Instruments SN74ACT11 Datasheet HTML 3Page - Texas Instruments SN74ACT11 Datasheet HTML 4Page - Texas Instruments SN74ACT11 Datasheet HTML 5Page - Texas Instruments SN74ACT11 Datasheet HTML 6Page - Texas Instruments SN74ACT11 Datasheet HTML 7Page - Texas Instruments SN74ACT11 Datasheet HTML 8Page - Texas Instruments SN74ACT11 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SN74ACT11-Q1 Automotive Triple 3-Input AND Gates
1 Features
• AEC-Q100 qualified for automotive applications:
– Device temperature grade 1: -40°C to +125°C
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Available in wettable flank QFN package
• Operating voltage range of 4.5V to 5.5V
• TTL-compatible inputs
• Continuous ±24mA output drive at 5V
• Supports up to ±75mA output drive at 5V
in short bursts
• Drives 50Ω transmission lines
• Fast operation with delay of 8ns max at VCC = 5V
2 Applications
• Combine power good signals
• Combine enable signals
3 Description
The
SN74ACT11-Q1
device
contains
three
independent 3-input AND gates. These devices
perform the Boolean function Y = A • B • C in positive
logic.
Device Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
BODY SIZE(3)
SN74ACT11-Q1
BQA (WQFN, 14)
3mm x 2.5mm
3mm x 2.5mm
(1)
For more information, see Section 10.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
(3)
The body size (length × width) is a nominal value and does
not include pins.
Logic Diagram, Each Gate (Positive Logic)
SN74ACT11-Q1
SCASE76 – FEBRUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74ACT11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ACT11 TI-SN74ACT11 Datasheet
79Kb / 5P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11 TI1-SN74ACT11 Datasheet
988Kb / 18P
TRIPLE 3-INPUT POSITIVE-AND GATES
SN74ACT11 TI1-SN74ACT11 Datasheet
2Mb / 36P
SNx4ACT11 Triple 3-Input AND Gates
FEBRUARY 2025
SN74ACT11-Q1 TI1-SN74ACT11-Q1 Datasheet
2Mb / 36P
SNx4ACT11 Triple 3-Input AND Gates
FEBRUARY 2025
SN74ACT11244DWR TI-SN74ACT11244DWR Datasheet
625Kb / 14P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ACT11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS11 NSC-54LS11 Datasheet
120Kb / 6P
Triple 3-Input AND Gates
logo
Hitachi Semiconductor
HD74HC11 HITACHI-HD74HC11 Datasheet
39Kb / 7P
Triple 3-input AND Gates
logo
Panasonic Semiconductor
MN4073B PANASONIC-MN4073B Datasheet
115Kb / 2P
TRIPLE 3-INPUT AND GATES
logo
Renesas Technology Corp
HD74HC11 RENESAS-HD74HC11 Datasheet
84Kb / 7P
Triple 3-input AND Gates
logo
Aeroflex Circuit Techno...
UT54ACS11 AEROFLEX-UT54ACS11 Datasheet
228Kb / 9P
Triple 3-Input AND Gates
logo
Texas Instruments
SN74HCS11-Q1 TI1-SN74HCS11-Q1 Datasheet
214Kb / 15P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS27-Q1 TI1-SN74HCS27-Q1 Datasheet
293Kb / 18P
SN74HCS27-Q1 Automotive Triple 3-Input NOR Gates with Schmitt-Trigger Inputs
SN74HCS11-Q1 TI1-SN74HCS11-Q1_V01 Datasheet
413Kb / 20P
SN74HCS11-Q1 Automotive Triple 3-Input AND Gates with Schmitt-Trigger Inputs
SN74HCS4075-Q1 TI1-SN74HCS4075-Q1_V01 Datasheet
416Kb / 21P
SN74HCS4075-Q1 Automotive Triple 3-Input OR Gates with Schmitt-Trigger Inputs
SN74LVC11A-Q1 TI1-SN74LVC11A-Q1 Datasheet
892Kb / 20P
SN74LVC11A-Q1 Automotive Triple 3-Input AND Gates
AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com