Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 160 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 160 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 156Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 157Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 158Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 159Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 160Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 161Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 162Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 163Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 164Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 716 page
background image
Chapter 7 External Bus Controller
7-50
7.5.9
External ACK Mode Access (32-bit Bus)
Note 1: The TX4938 sets the ACK* signal to High Impedance in the S1 State.
Note 2: External devices drive the ACK* signal to Low (assert the signal) by the ES1 State.
Note 3: External devices drive the ACK* signal to High (deassert the signal) in the ES2
State. If an external device is late in asserting ACK*, then the Wait State is inserted
for the amount of time the external device is late. If a certain condition is met, it is
okay for the ACK* signal to be driven to Low for 1 clock cycle or more. See 7.3.7.4
ACK* Input Timing (External ACK Mode) for more information.
Figure 7.5.23 1-word Single Write (0 Wait, SHWT=0, External ACK*, 32-bit Bus)
Figure 7.5.24 1-word Single Read (0 Wait, SHWT=0, External ACK*, 32-bit Bus)
SYSCLK
CE*
ADDR[19:0]
ACE*
OE*/BUSSPRT*
SWE*
BWE*
BE*
DATA[31:0]
S1
ES2
ES1
S2
S3
ACK*
f
0
f
f
SYSCLK
CE*
ADDR[19:0]
ACE*
OE*/BUSSPRT*
SWE*
BWE*
BE*
DATA[31:0]
S1
ES2
ES1
ES3
S3
S2
ACK*
0
f
f
f0
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com