| Electronic Components Datasheet Search |
|
TMPR4938 Datasheet(PDF) 175 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4938 Datasheet(HTML) 175 Page - Toshiba Semiconductor |
|
175 / 716 page ![]() Chapter 8 DMA Controller 8-1 8. DMA Controller 8.1 Features The TX4938 contains two four-channel DMA Controller (DMAC0, DMAC1) that executes DMA (Direct Memory Access) with memory and I/O devices. The DMA Controller has the following characteristics. <DMAC0, DMAC1> • Has four on-chip DMA channels • Supports Memory-Memory Copy modes that do not have address boundary limitations. Burst transfer of up to eight double words is possible for each Read or Write operation. • Supports Memory Fill mode that writes double-word data to the specified memory region • Supports Chained DMA Transfer • On-chip signed 24-bit address count up registers for both the source address and destination address • On-chip 26-bit Byte Count Register for each channel • One of two methods can be selected for determining access priority among multiple channels: Round Robin or Fixed Priority • Big Endian or Little Endian mode can be set separately for each channel <DMAC0> • Supports external I/O devices with 8-, 16-, and 32-bit Data Bus widths and transfer between memory devices. • Supports single address transfer (Fly-by DMA) and dual address transfer when in the external I/O DMA Transfer Mode that is operated by external request signals • Supports DMA on-chip Serial I/O Controllers <DMAC1> • Supports DMA on-chip AC-Link Controllers |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |