Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMPR4938 Datasheet(PDF) 196 Page - Toshiba Semiconductor

Part # TMPR4938
Description  64-Bit TX System RISC TX49 Family
PDF  716 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4938 Datasheet(HTML) 196 Page - Toshiba Semiconductor

Back Button TMPR4938 Datasheet HTML 192Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 193Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 194Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 195Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 196Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 197Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 198Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 199Page - Toshiba Semiconductor TMPR4938 Datasheet HTML 200Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 716 page
background image
Chapter 8 DMA Controller
8-22
8.3.14 Arbitration Among DMA Channels
The DMA Controller has an on-chip DMA Channel Arbiter that arbitrates bus ownership among four
DMA channels that use the internal bus (G-Bus). There are two methods for determining priority: the
round robin method and the fixed priority method. (See Figure 8.3.7.) The Round Robin Priority bit
(RRPT) of the DMA Master Control Register (DMMCR) selects the priority method.
•
Fixed priority (DMMCR.RRPT
= 0)
As shown below, Channel 0 has the highest priority and Channel 3 has the lowest priority.
CH0 > CH1 > CH2 > CH3
•
Round Robin method (DMMCR.RRPT
= 1)
The last channel to perform DMA transfer has the lowest priority.
•
After CH0 DMA transfer execution: CH1 > CH2 > CH3 > CH0
•
After CH1 DMA transfer execution: CH2 > CH3 > CH0 > CH1
•
After CH2 DMA transfer execution: CH3 > CH0 > CH1 > CH2
•
After CH3 DMA transfer execution: CH0 > CH1 > CH2 > CH3
a) Fixed Priority is selected
b) Round Robin Priority is selected
Figure 8.3.7 DMA Channel Arbitration
8.3.15 Restrictions in Access to PCI Bus
The PCI Controller detects a bus error if the DMA Controller performs one of the following accesses
to the PCI Bus.
•
Burst transfer exceeding 8 double words (PCICSTATUS.TLB)
•
Address Increment value –8 Burst transfer (PCICSTATUS.NIB)
•
Address Increment Value 0 Burst transfer (PCICSTATUS.ZIB)
•
Dual Address Burst transfer when the setting for DMSARn, DMDARn, or DMCNTRn is not a
double word boundary (PCICSTATUS.IAA)
In addition, Single Address transfers between an external I/O device and the PCI Bus are not
supported. Data transfer is not performed, but no error is detected.
Channel 0
Channel 1
Channel 2
Channel 3
Channel 0
Channel 2
Channel 1
Channel 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com