Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 114 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 110Page - STMicroelectronics UPSD3422 Datasheet HTML 111Page - STMicroelectronics UPSD3422 Datasheet HTML 112Page - STMicroelectronics UPSD3422 Datasheet HTML 113Page - STMicroelectronics UPSD3422 Datasheet HTML 114Page - STMicroelectronics UPSD3422 Datasheet HTML 115Page - STMicroelectronics UPSD3422 Datasheet HTML 116Page - STMicroelectronics UPSD3422 Datasheet HTML 117Page - STMicroelectronics UPSD3422 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 293 page
background image
IrDA interface
uPSD34xx
114/293
To produce this fixed data pulse width when the PULSE bit = 0, a prescaler is needed to
generate an internal reference clock, SIRClk, shown in Figure 39 on page 111. SIRClk is
derived by dividing the oscillator clock frequency, fOSC, using the five bits CDIV[4:0] in the
SFR named IRDACON. A divisor must be chosen to produce a frequency for SIRClk that
lies between 1.34 MHz and 2.13 MHz, but it is best to choose a divisor value that produces
SIRClk frequency as close to 1.83MHz as possible, because SIRClk at 1.83MHz will
produce an fixed IrDA data pulse width of 1.63µs. Table 53 provides recommended values
for CDIV[4:0] based on several different values of fOSC.
For reference, SIRClk of 2.13MHz will generate a fixed IrDA data pulse width of 1.41µs, and
SIRClk of 1.34MHz will generate a fixed data pulse width of 2.23µs.
Table 53.
Recommended CDIV[4:0] values to generate SIRClk (default CDIV[4:0] =
0Fh, 15 decimal)
Note:
1
When PULSE bit = 0 (fixed data pulse width), this is minimum recommended fOSC because
CDIV[4:0] must be 4 or greater.
fOSC (MHz)
Value in CDIV[4:0]
Resulting fSIRCLK (MHz)
40.00
16h, 22 decimal
1.82
36.864, or 36.00
14h, 20 decimal
1.84, or 1.80
24.00
0Dh, 13 decimal
1.84
11.059, or 12.00
06h, 6 decimal
1.84, or 2.00
7.3728(1)
04h, 4 decimal
1.84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com