Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 178 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 178 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 174Page - STMicroelectronics UPSD3422 Datasheet HTML 175Page - STMicroelectronics UPSD3422 Datasheet HTML 176Page - STMicroelectronics UPSD3422 Datasheet HTML 177Page - STMicroelectronics UPSD3422 Datasheet HTML 178Page - STMicroelectronics UPSD3422 Datasheet HTML 179Page - STMicroelectronics UPSD3422 Datasheet HTML 180Page - STMicroelectronics UPSD3422 Datasheet HTML 181Page - STMicroelectronics UPSD3422 Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 293 page
background image
Programmable counter array (PCA) with PWM
uPSD34xx
178/293
27.6
Toggle mode
In this mode, the user writes a value to the TCM's CAPCOM registers and enables the
comparator. When there is a match with the Counter output, the output of the TCM pin
toggles. This mode is a simple extension of the Timer Mode.
27.7
PWM mode - (x8), fixed frequency
In this mode, one or all the TCM's can be configured to have a fixed frequency PWM output
on the port pins. The PWM frequency depends on when the low byte of the Counter
overflows (modulo 256). The duty cycle of each TCM module can be specified in the
CAPCOMHn Register. When the PCA_Counter_L value is equal to or greater than the value
in CAPCOMLn, the PWM output is switched to a high state. When the PCA_Counter_L
Register overflows, the content in CAPCOMHn is loaded to CAPCOMLn and a new PWM
pulse starts.
Figure 59.
Timer mode
Note:
m = 0: n = 0, 1, or 2
m = 1: n = 3, 4, or 5
MATCH_TIMER
INTR
0
0
0
TCMMODEn
ENABLE
8
8
MATCH
PCASTA
CAPCOMLn
PCACLm
PCACHm
16-bit COMPARATOR
CAPCOMHn
INTFn
0
0
16-bit up Timer/Counter
8
8
EINTF
E_COMP CAP_PE
CAP_NE
MATCH
TOGGLE
PWM1
PWM0
RESET
WRITE to
CAPCOMHn
WRITE to
CAPCOMLn
1
0
EN_FLAG
D
C
AI07858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com