Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPSD3422 Datasheet(PDF) 194 Page - STMicroelectronics

Part # UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Datasheet(HTML) 194 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 190Page - STMicroelectronics UPSD3422 Datasheet HTML 191Page - STMicroelectronics UPSD3422 Datasheet HTML 192Page - STMicroelectronics UPSD3422 Datasheet HTML 193Page - STMicroelectronics UPSD3422 Datasheet HTML 194Page - STMicroelectronics UPSD3422 Datasheet HTML 195Page - STMicroelectronics UPSD3422 Datasheet HTML 196Page - STMicroelectronics UPSD3422 Datasheet HTML 197Page - STMicroelectronics UPSD3422 Datasheet HTML 198Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 293 page
background image
PSD module
uPSD34xx
194/293
maintained by alternating between the two flash sectors. For example, a data set of 128
bytes is written and maintained by software in a distributed fashion across one 8K byte
sector of Secondary Flash memory until it becomes full. Then the writing continues on the
other 8K byte sector while erasing the first 8K byte sector. This process repeats
continuously, bouncing back and forth between the two 8K byte sectors. This creates a
wear-leveling effect, which increases the effective number of erase cycles for a data set of
128 bytes to many times more than the base 100K erase cycles of the Flash memory.
EEPROM emulation in Flash memory is typically faster than writing to actual EEPROM
memory, and more reliable because the last known value in a data set is maintained even if
a WRITE cycle is corrupted by a power outage. The EEPROM emulation function can be
called by the user’s firmware, making it appear that the user is writing a single byte, or data
record, thus hiding all of the data management that occurs within the two 8K byte flash
sectors. EEPROM emulation firmware for the uPSD34xx is available from www.st.com/psm.
28.2.5
Alternative mapping schemes
Here are more possible memory maps for the uPSD3433.
Note:
Mapping examples would be slightly different for uPSD3433 and uPSD3434, because of the
different sizes of individual Flash memory sectors.
●
Figure 66 Place the larger Main Flash Memory into program space, but split the
Secondary Flash in half, placing two of its sectors into XDATA space and remaining two
sectors into program space. This method allows the designer to put IAP code (or boot
code) into two sectors of Secondary Flash in program space, and use the other two
Secondary Flash sectors for data storage, such as EEPROM emulation in XDATA
space.
●
Figure 67 Place both the Main and Secondary Flash memories into program space for
maximum code storage, with no Flash memory in XDATA space.
Figure 66.
Mapping: split second Flash in half
0000h
8000h
4000h
6000h
FFFFh
8032 XDATA SPACE
(RD and WR)
8032 PROGRAM
SPACE (PSEN)
csboot1, 8KB
Common Memory to All Pages
csboot0, 8KB
Common Memory to All Pages
csboot2
8KB
csboot3
8KB
Page X
rs0, 8KB
csiop, 256B
fs7
16KB
fs3
16KB
fs1
16KB
Page
0
Page
1
Page
2
Page
3
2000h
0000h
8000h
FFFFh
Nothing Mapped
fs6
16KB
fs5
16KB
fs4
16KB
fs2
16KB
fs0
16KB
System I/O
System I/O
C000h
2100h
4000h
2000h
AI09174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com